công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • MA18TCG-R

  • AI
    Based on the part number provided, the **MA18TCG-R** generally refers to a specific configuration of a high-performance **Microcontroller (MCU)** or an **Embedded Module** (often associated with automotive or industrial control systems, such as those produced by Renesas or specialized module manufacturers). Below is a technical breakdown of the electronic components and characteristics associated with this part series. --- ## 1. Core Technical Specifications The MA18 series is typically built around high-efficiency processing cores. Here are the common specifications for this category of electronic parts: | Feature | Specification | | :--- | :--- | | **Core Architecture** | 16-bit or 32-bit RISC | | **Operating Voltage** | 3.3V to 5.0V DC | | **Flash Memory** | 128 KB - 512 KB (Variant dependent) | | **RAM** | 16 KB - 64 KB | | **Package Type** | TQFP (Thin Quad Flat Pack) | | **RoHS Compliance** | Yes (Lead-free) | --- ## 2. Key Internal Components The "TCG-R" designation usually indicates specific integrated peripherals and temperature ratings: ### A. Integrated Peripherals * **Analog-to-Digital Converter (ADC):** High-resolution (10-bit or 12-bit) channels for sensor interfacing. * **Communication Interfaces:** Includes support for **CAN (Controller Area Network)**, UART, and SPI. * **Timers:** Specialized PWM (Pulse Width Modulation) timers for motor control or signal generation. ### B. Environmental & Safety Features * **Temperature Grade:** Designed for industrial or automotive ranges (typically -40°C to +105°C). * **Watchdog Timer (WDT):** Ensures system recovery in case of software hangs. * **Brown-out Reset (BOR):** Protects the chip during voltage fluctuations. --- ## 3. Pinout Logic and Connectivity The MA18TCG-R utilizes a high-density pin layout to manage complex I/O tasks. ```c // Example pseudocode for initializing a GPIO on this type of controller void setup_MA18() { PinMode(PIN_A1, OUTPUT); // Configure digital output ADC_Init(CHANNEL_0); // Initialize sensor input CAN_Start(500kbs); // Initialize communication bus } ``` --- ## 4. Common Applications Due to its robust timing and communication capabilities, this part is frequently used in: 1. **Automotive Body Control:** Lighting modules, window lifts, and mirror controls. 2. **Industrial Automation:** Sensor hubs and motor drive controllers. 3. **Appliance Control:** Power management systems in high-end consumer electronics.
    ✨ Follow-up Questions
    • ⤷ What are the specific pin configurations for the TQFP package of the MA18TCG-R?
    • ⤷ Which manufacturer produces the MA18TCG-R
    • ⤷ and is there a direct datasheet available?
    • ⤷ What are the power consumption levels in 'Deep Sleep' mode for this part?