công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M95640-RBN3TP

  • AI
    ## M95640-RBN3TP Technical Overview The **M95640-RBN3TP** is a 64-Kbit serial SPI (Serial Peripheral Interface) EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is designed for high-reliability applications, often found in automotive and industrial sectors. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 64 Kbit (8,192 x 8 bits) | | **Interface** | SPI (Mode 0 and Mode 3) | | **Clock Frequency** | Up to 20 MHz | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Write Cycle Time** | 5 ms (Max) | | **Operating Temperature** | -40°C to +125°C | | **Package** | MSDIP8 (TSSOP8) | | **Data Retention** | > 100 Years | | **Write Endurance** | 4 Million cycles | --- ### 2. Pin Configuration and Functions The device typically comes in an 8-pin TSSOP package. Below is the functional breakdown of the pins: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **S#** | Chip Select (Active Low) | | 2 | **Q** | Serial Data Output | | 3 | **W#** | Write Control (Hardware protection) | | 4 | **Vss** | Ground | | 5 | **D** | Serial Data Input | | 6 | **C** | Serial Clock | | 7 | **HOLD#** | Pause Serial Communication | | 8 | **Vcc** | Supply Voltage | --- ### 3. Core Features and Functionality #### SPI Communication The device utilizes a four-wire bus: Chip Select (S#), Serial Clock (C), Serial Input (D), and Serial Output (Q). It supports high-speed data transfer, making it suitable for applications requiring fast parameter storage. #### Data Protection * **Software Protection:** Uses a Status Register to set Write Enable Latch (WEL) bits and Block Protect (BP) bits to prevent accidental overwriting of memory sectors. * **Hardware Protection:** The **W#** pin can be used to freeze the Status Register, locking the current write-protection configuration. #### Low Power Consumption Designed for battery-operated or energy-efficient systems, it features a low standby current (usually < 2 µA at 1.8V). --- ### 4. Part Number Breakdown (M95640-RBN3TP) The suffix provides specific information about the variant: * **M95**: Family (SPI EEPROM) * **640**: Density (64 Kbit) * **-R**: Operating Voltage (1.8V to 5.5V) * **BN**: Package (TSSOP8, 169 mil width) * **3**: Temperature Range (-40°C to +125°C) * **TP**: Packing (Tape and Reel) ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the M95640-R and the M95640-W series?
    • ⤷ How do you implement the HOLD# function in an SPI circuit?
    • ⤷ Can this EEPROM be used in automotive safety-critical applications?