AI

# Technical Overview of M95640-R EEPROM
The **M95640-R** is a low-voltage, high-performance **64-Kbit Serial SPI EEPROM** (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is commonly used for parameter storage in automotive, industrial, and consumer electronics.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 64 Kbits (8,192 bytes x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 20 MHz (at 4.5V - 5.5V) |
| **Page Size** | 32 Bytes |
| **Endurance** | 4 million write cycles |
| **Data Retention** | 200 years |
| **Operating Temperature** | -40°C to +85°C (Standard) |
---
### 2. Pin Configuration and Functions
The device is typically available in SO8, TSSOP8, or UFDFPN8 packages. The pinout is standard for SPI EEPROMs:
| Pin | Name | Description |
| :--- | :--- | :--- |
| **1** | **S# (CS)** | Chip Select (Active Low) - Initiates communication. |
| **2** | **Q (SO)** | Serial Data Output. |
| **3** | **W#** | Write Protect - Hardware protection for memory. |
| **4** | **Vss** | Ground. |
| **5** | **D (SI)** | Serial Data Input. |
| **6** | **C (SCK)** | Serial Clock - Synchronizes data transfer. |
| **7** | **HOLD#** | Pause communication without resetting the Chip Select. |
| **8** | **Vcc** | Supply Voltage. |
---
### 3. Core Electronic Features
#### A. The SPI Protocol
The M95640-R operates as a slave device. It supports SPI modes (0,0) and (1,1). Data is latched on the rising edge of the clock (`SCK`) and shifted out on the falling edge.
#### B. Write Protection Mechanism
The chip includes two layers of protection:
1. **Software Protection:** A Status Register containing **Block Protect bits (BP0, BP1)** allows the user to protect quarters, halves, or the entire memory array.
2. **Hardware Protection:** The `W#` pin, when pulled low, prevents changes to the Status Register (and thus the protected blocks) if the SRWD (Status Register Write Disable) bit is set.
#### C. Page Write Buffer
The device features a **32-byte page buffer**. This allows you to write up to 32 bytes in a single write cycle (taking approx. 5ms), which is significantly faster than writing byte-by-byte.
---
### 4. Implementation Example (Pseudo-Code)
To communicate with the M95640-R using a microcontroller, you must send specific instruction opcodes.
```c
// Common Instruction Opcodes
#define WREN 0x06 // Write Enable
#define WRITE 0x02 // Write to Memory Array
#define READ 0x03 // Read from Memory Array
#define RDSR 0x05 // Read Status Register
/* Example: Writing 0xAA to address 0x0010 */
CS_Low();
SPI_Transfer(WREN); // Enable writing
CS_High();
Delay();
CS_Low();
SPI_Transfer(WRITE); // Write command
SPI_Transfer(0x00); // Address High Byte
SPI_Transfer(0x10); // Address Low Byte
SPI_Transfer(0xAA); // Data Byte
CS_High();
```
- ⤷
What are the main differences between the M95640-R and the M95640-W variants?
- ⤷ How does the 'HOLD' pin function affect the SPI bus sharing?
- ⤷ What is the maximum current consumption during a Write cycle?