công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M95320-RMB3TG/B

  • AI
    The **M95320-RMB3TG/B** is a high-performance, low-voltage Serial Peripheral Interface (SPI) Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **STMicroelectronics**. Below is a detailed breakdown of its electronic specifications and characteristics. --- ## 1. Technical Specifications This device is designed for applications requiring non-volatile storage with high endurance and low power consumption. | Feature | Specification | | :--- | :--- | | **Memory Size** | 32 Kbit (4,096 x 8 bits) | | **Interface** | SPI (Serial Peripheral Interface) | | **Clock Frequency** | Up to 20 MHz | | **Supply Voltage (Vcc)** | 1.8V to 5.5V (Wide Range) | | **Operating Temperature** | -40°C to +125°C (Automotive Grade 3) | | **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Fine Pitch Dual Flat No-lead | | **Page Size** | 32 Bytes | --- ## 2. Key Electronic Features ### A. SPI Protocol Modes The device supports the two most common SPI modes: * **Mode 0:** (0,0) Clock polarity is 0, phase is 0. * **Mode 3:** (1,1) Clock polarity is 1, phase is 1. ### B. Write Protection Mechanisms To ensure data integrity, the M95320 includes multiple protection layers: * **WIP (Write In Progress) Bit:** A status register bit that indicates if the device is busy writing. * **WEL (Write Enable Latch) Bit:** Must be set via a command before any write operation. * **Block Protection:** Hardware-level protection of specific quarters (1/4, 1/2) or the entire memory array via the Status Register. ### C. Reliability & Endurance * **Write Cycles:** 4 million cycles (at 25°C). * **Data Retention:** 200 years (highly stable for long-term storage). * **ESD Protection:** Human Body Model (HBM) up to 4000V. --- ## 3. Pin Configuration (UFDFPN8) The device typically follows the standard SPI pinout for 8-pin packages: | Pin Name | Function | Description | | :--- | :--- | :--- | | **S** (CS) | Chip Select | Activates the device when pulled low. | | **D** (MOSI) | Serial Data Input | Data being written to the EEPROM. | | **Q** (MISO) | Serial Data Output | Data being read from the EEPROM. | | **C** (SCK) | Serial Clock | Synchronizes data movement. | | **W** (WP) | Write Control | Hardware write protection pin. | | **HOLD** | Hold | Pauses serial communication without resetting. | | **Vcc / Vss** | Power / Ground | Voltage supply and reference ground. | --- ## 4. Application Use Cases Due to its **-R** suffix (indicating 1.8V capability) and high-temperature tolerance, it is commonly used in: 1. **Consumer Electronics:** Camera modules, smartwatches, and tablets. 2. **Automotive:** Storing calibration data and odometer settings. 3. **Industrial:** Parameter storage for sensors and motor controllers. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the M95320-R and the M95320-W versions?
    • ⤷ How do you implement the 'Hold' function in a circuit?
    • ⤷ What is the maximum power consumption during a write cycle for this chip?