M95256-RMW6P
AI

## Overview of M95256-RMW6P
The **M95256-RMW6P** is a high-performance, electrically erasable programmable memory (EEPROM) manufactured by STMicroelectronics. It is designed for applications that require non-volatile data storage with high reliability and a serial interface.
### Key Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 256 Kbit (32,768 x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 20 MHz (at 4.5V - 5.5V) |
| **Package Type** | SO8N (Narrow SOIC, 150 mil width) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Write Cycles** | 4 Million cycles (Typical) |
| **Data Retention** | 200 Years |
---
### Functional Components
The internal architecture of the M95256-RMW6P consists of several critical electronic sections that manage data integrity and communication:
1. **Memory Array**: The core 256 Kbit EEPROM cells arranged in pages of 64 bytes.
2. **SPI Logic Block**: Handles the four standard SPI signals:
* **S (Chip Select)**: Activates the device.
* **D (Serial Data Input)**: Receives instructions and data.
* **Q (Serial Data Output)**: Sends data out to the host.
* **C (Serial Clock)**: Synchronizes data movement.
3. **Status Register**: A volatile register used to check the progress of write operations and to set write protection parameters.
4. **Write Protection Logic**: Includes a **W (Write Protect)** pin and internal software bits to prevent accidental data overwriting.
5. **Hold Circuitry**: Controlled by the **HOLD** pin, this allows the MCU to pause communication without resetting the SPI sequence.
---
### Part Number Breakdown
The suffix **"RMW6P"** provides specific details about the physical and electrical configuration:
* **R**: Operating voltage range of 1.8V to 5.5V.
* **MW**: Package type SO8N (150 mil width).
* **6**: Industrial temperature range (-40°C to +85°C).
* **P**: Lead-free and RoHS compliant (ECOPACK2).
---
### Typical Application Circuit
Below is a representation of how the M95256-RMW6P is typically connected to a microcontroller (MCU):
```c
// SPI Connection Pinout
[ MCU ] [ M95256-R ]
CS ------------> Pin 1 (S)
MISO <------------ Pin 2 (Q)
(Vcc) <---[R]--- Pin 3 (W) // Pull-high to enable writing
GND ------------- Pin 4 (Vss)
MOSI ------------> Pin 5 (D)
SCK ------------> Pin 6 (C)
(Vcc) <---[R]--- Pin 7 (HOLD) // Pull-high to avoid pause
VCC ------------- Pin 8 (Vcc)
```
---
### Main Features and Use Cases
* **Byte and Page Write**: Supports writing a single byte or a full page (up to 64 bytes) in a single cycle.
* **Low Power Consumption**: Consumes very little current in standby mode, making it ideal for battery-powered devices.
* **Usage**: Commonly found in consumer electronics, automotive modules (dashboards, sensors), and industrial controllers for storing configuration settings, calibration data, and logs.
- ⤷
What are the specific timing requirements for the 'Write' cycle in this EEPROM?
- ⤷ How does the 'Hold' function differ from simply deselecting the Chip Select (S) pin?
- ⤷ Can this device operate at 10 MHz when the supply voltage is at 1.8V?