công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M95160-RDL6T

  • AI
    The **M95160-RDL6T** is a low-voltage, high-speed Serial Peripheral Interface (SPI) EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is commonly used for parameter storage in consumer electronics, automotive, and industrial applications. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2,048 x 8 bits) | | **Interface** | SPI (Serial Peripheral Interface) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 20 MHz (at 4.5V - 5.5V), 5 MHz (at 1.8V) | | **Package Type** | MLP / DFN8 (2x3 mm) | | **Operating Temp** | -40°C to +85°C | | **Write Cycles** | 4 Million cycles (Endurance) | | **Data Retention** | 200 Years | --- ## 2. Key Pin Functions The device typically comes in an 8-pin configuration. Understanding the pinout is crucial for PCB design: 1. **S (Chip Select):** When low, the device is selected. When high, it is in standby. 2. **D (Serial Data Input):** Used to transfer data into the device. 3. **Q (Serial Data Output):** Used to read data out of the device. 4. **C (Serial Clock):** Provides the timing for data transfer. 5. **W (Write Protect):** Hardware protection to prevent unauthorized write operations. 6. **HOLD:** Used to pause communication without deselecting the device. 7. **Vcc/Vss:** Power supply and Ground. --- ## 3. Part Number Breakdown (M95160-RDL6T) The alphanumeric code provides specific details about the chip's build: * **M95:** SPI family of EEPROMs. * **160:** Density (16 Kilobits). * **-R:** Operating voltage range (1.8V to 5.5V). * **DL:** Device Grade / Specific Package process. * **6:** Industrial temperature range (-40°C to +85°C). * **T:** Tape and Reel packaging. --- ## 4. Operational Features ### SPI Modes The M95160 supports SPI modes **0 (0,0)** and **3 (1,1)**. Data is latched on the rising edge of the clock (C) and shifted out on the falling edge. ### Page Write The memory is organized into pages of **32 bytes**. A single write instruction can write between 1 and 32 bytes, provided they are within the same page boundary. ### Block Protection The device includes a Status Register that allows the user to software-protect sections of the memory (Quarter, Half, or Whole) via the **BP0** and **BP1** bits. ---
    ✨ Follow-up Questions
    • ⤷ How does the Write Protect (W) pin interact with the Status Register?
    • ⤷ What are the power consumption levels in Standby vs Active mode?
    • ⤷ Can this EEPROM be used in automotive applications (AEC-Q100)?