M95040-RMB6TG
AI

## Technical Overview of M95040-RMB6TG
The **M95040-RMB6TG** is a low-voltage, high-performance **4-Kbit serial SPI EEPROM** (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is commonly used for parameter storage, configuration settings, and small data logging in space-constrained electronic devices.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 4 Kbit (512 x 8 bits) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Clock Frequency** | Up to 20 MHz |
| **Operating Voltage** | 1.8V to 5.5V |
| **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Fine pitch Dual Flat No-lead |
| **Operating Temperature** | -40°C to +85°C |
| **Write Cycles** | More than 4 million cycles |
| **Data Retention** | More than 200 years |
---
### 2. Electronic Architecture and Pinout
The device operates via a standard 4-wire SPI bus. Below is the functional description of the pins:
* **S (Chip Select):** Activates the device when held low.
* **D (Serial Data Input):** Used to transfer data/opcodes into the device.
* **Q (Serial Data Output):** Used to read data out of the device.
* **C (Serial Clock):** Provides the timing for data synchronization.
* **W (Write Protect):** Hardware protection to prevent unauthorized writes to the memory.
* **HOLD:** Pauses serial communication without deselecting the device.
* **Vcc/Vss:** Power supply and Ground.
---
### 3. Core Functional Features
#### A. Memory Management
The memory is organized as **512 bytes**. It supports **Page Write** mode, allowing up to 16 bytes to be written in a single instruction cycle, which significantly improves throughput compared to byte-by-byte writing.
#### B. Software/Hardware Protection
- **Status Register:** Contains a "Write Enable Latch" (WEL) bit and "Block Protect" (BP) bits.
- **Block Protection:** Allows the user to protect a specific quarter, half, or the entire memory array from being overwritten.
- **W Pin:** When combined with the Status Register bits, it provides robust hardware-level write protection.
#### C. Power Management
The "R" in the part number signifies a low-voltage range (**1.8V - 5.5V**). This makes it ideal for battery-operated electronics where minimizing power consumption is critical. It features a low standby current (typically less than 1 µA at 1.8V).
---
### 4. Application Use-Cases
1. **Consumer Electronics:** Storing user preferences in wearables or smart home devices.
2. **Industrial:** Calibration data storage for sensors and actuators.
3. **Communication:** Storing MAC addresses or configuration parameters in Wi-Fi/Bluetooth modules.
---
- ⤷What are the specific differences between M95040 and M95080 versions?
- ⤷ How does the 'HOLD' pin function during a data transfer?
- ⤷ What are the PCB soldering considerations for the UFDFPN8 package?