M93C86-RMB6P
AI

The **M93C86-RMB6P** is a specific variant of the 16-Kbit serial MICROWIRE EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used in automotive and industrial applications for non-volatile data storage.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) |
| **Interface** | MICROWIRE (Serial Peripheral Interface variant) |
| **Operating Voltage ($V_{CC}$)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 5V), 1 MHz (at 1.8V) |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade 6) |
| **Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
## 2. Pin Configuration
The device is typically housed in an 8-pin package. The pins function as follows:
| Pin Name | Description |
| :--- | :--- |
| **S (Chip Select)** | Activates the device when held High. |
| **D (Serial Data Input)** | Used to transfer opcodes, addresses, and data. |
| **Q (Serial Data Output)** | Used to read data out of the memory. |
| **C (Serial Clock)** | Synchronizes the communication between host and memory. |
| **ORG (Organization)** | Sets the memory to x8 or x16 mode. |
| **$V_{SS}$ / $V_{CC}$** | Ground and Power Supply pins. |
---
## 3. Part Number Breakdown: M93C86-RMB6P
The suffix provides critical information regarding the specific build and packaging:
* **M93C86**: Base part number for the 16-Kbit Microwire EEPROM.
* **-R**: Indicates a wide voltage range of **1.8V to 5.5V**.
* **MB**: Represents the **UFDFPN8** (MLP8) package (2x3 mm).
* **6**: Indicates the operating temperature range of **-40 to +85 °C**.
* **P**: Refers to **ECOPACK2** (RoHS compliant, Lead-free, and Halogen-free).
---
## 4. Key Operational Features
* **User-Selectable Internal Organization:** By wiring the **ORG** pin to $V_{CC}$ or $V_{SS}$, the user can choose between an 8-bit or 16-bit data structure.
* **Self-Timed Programming Cycle:** The device handles the internal erase/write timing automatically, typically completing a write in under 5ms.
* **Ready/Busy Status:** During a write cycle, the Data Output (Q) pin can be polled to check if the device has finished its internal operation.
* **Sequential Read:** It supports reading consecutive memory addresses without needing to re-send the read command for every word.
- ⤷
What are the main differences between MICROWIRE and SPI interfaces?
- ⤷ How does the ORG pin affect the addressing of the M93C86?
- ⤷ Can this EEPROM be used in automotive safety-critical systems?