công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M93C86-RMB3TG/W

  • AI
    The **M93C86-RMB3TG/W** is a specific variant of the 16-Kbit serial Microwire EEPROM manufactured by STMicroelectronics. This component is widely used in automotive and industrial applications due to its high reliability and wide operating voltage range. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) | | **Interface** | Microwire (3-wire serial) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | Up to 2 MHz | | **Package Type** | UFDFPN8 (MLP8) - Ultra-thin Dual Flat No-lead | | **Operating Temperature** | -40°C to +125°C (Grade 3) | | **Endurance** | 4 million write cycles | | **Data Retention** | 200 years | --- ### 2. Functional Description The device functions as non-volatile memory, meaning it retains data even after power is removed. It is organized by default as 1024 words of 16 bits each, but can be configured as 2048 bytes of 8 bits depending on the state of the **ORG** (Organization) pin. #### Pin Configuration (UFDFPN8) 1. **S (Chip Select):** Activates the device. 2. **D (Serial Data Input):** Receives instructions and data. 3. **Q (Serial Data Output):** Outputs data during read operations. 4. **C (Serial Clock):** Synchronizes data transfer. 5. **ORG (Organization):** Selects 8-bit or 16-bit memory structure. 6. **VSS/VCC:** Ground and Supply voltage. --- ### 3. Part Number Breakdown (Nomenclature) The suffix **RMB3TG/W** provides specific details about the physical and chemical properties of the chip: * **M93C86:** Base model (16 Kbit Microwire EEPROM). * **-R:** Operating voltage range (1.8V to 5.5V). * **MB:** Package code for UFDFPN8 (2x3 mm). * **3:** Device grade (Automotive temperature range -40 to 125°C). * **T:** Tape and Reel packing. * **G:** ECOPACK2 (RoHS compliant/Halogen-free). * **W:** Process technology identifier. --- ### 4. Application Use Cases Due to its high endurance and temperature resistance, this part is commonly found in: * **Automotive ECUs:** Storing calibration data and odometer readings. * **Industrial Controllers:** Configuration settings and error logging. * **Consumer Electronics:** Storing user preferences in battery-powered devices. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between Microwire and SPI interfaces?
    • ⤷ Can this EEPROM be used in 5V legacy systems?
    • ⤷ How does the 'ORG' pin affect the addressing logic of the M93C86?