công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M93C86-RMB3TG

  • AI
    ### Overview of M93C86-RMB3TG The **M93C86-RMB3TG** is a high-speed, low-voltage, serial Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by **STMicroelectronics**. It belongs to the 16-Kbit family of Microwire bus devices. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) | | **Interface** | Microwire (3-Wire Serial) | | **Supply Voltage ($V_{CC}$)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) | | **Write Cycles** | More than 4 million cycles | | **Data Retention** | More than 200 years | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | --- ### Key Electronic Components & Internal Architecture #### 1. Memory Array The core of the device is a **16,384-bit** non-volatile memory cell array. It is organized flexibly, allowing the user to select the word length (8-bit or 16-bit) via the **ORG (Organization)** pin. #### 2. Control Logic & Shift Register - **Instruction Decoder:** Interprets serial commands such as READ, WRITE, ERASE, and Write Enable/Disable. - **Serial-to-Parallel Converter:** Since data enters bit-by-bit via the **D (Data Input)** pin, this internal logic converts it into byte or word formats for the memory array. #### 3. Protection Circuitry - **Write Enable/Disable (WEN/WDS):** A specific software instruction must be sent before any write operation to prevent accidental data corruption. - **Power-on Data Protection:** The device remains in a "Write Disabled" state until the power supply reaches a stable operating voltage. --- ### Pin Configuration (UFDFPN8) | Pin Name | Description | Function | | :--- | :--- | :--- | | **S (CS)** | Chip Select | Activates the device when held High. | | **D (DI)** | Serial Data Input | Receives instructions and data bits. | | **Q (DO)** | Serial Data Output | Outputs data during a Read cycle. | | **C (SK)** | Serial Clock | Synchronizes the data transfer. | | **ORG** | Organization Select | High = x16 organization; Low/Floating = x8 organization. | | **VCC/VSS** | Power Supply | Positive supply and Ground. | --- ### Application Usage Because of its small footprint (UFDFPN8) and high durability, this part is commonly used in: * **Automotive:** Storing calibration data and odometer settings. * **Industrial:** Configuration storage for sensors and actuators. * **Consumer Electronics:** Storing firmware settings and user preferences in space-constrained devices.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the Microwire and I2C protocols for EEPROMs?
    • ⤷ How does the ORG pin impact the memory addressing of the M93C86?
    • ⤷ Can you explain the significance of the 'RMB3TG' suffix in the part number?