công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M93C86-RMB3G/W

  • AI
    The **M93C86-RMB3G/W** is an 8-Kbit (16,384-bit) serial Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is commonly used for non-volatile data storage in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2,048 x 8 bits or 1,024 x 16 bits) | | **Interface** | MICROWIRE (Serial Peripheral Interface) | | **Supply Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temperature** | -40°C to +125°C | | **Write Endurance** | 4 Million cycles | | **Data Retention** | 200 Years | --- ### 2. Functional Description The device is organized internally as either 8-bit bytes or 16-bit words, depending on the logic level applied to the **ORG** (Organization) pin. * **Sequential Read:** It allows the user to read the entire contents of the memory in a single continuous stream. * **Write Protection:** Includes a Write Enable (WEN) and Write Disable (WDS) instruction set to prevent accidental data overwriting. * **Self-Timed Programming:** The write cycle is internally timed, meaning the chip handles the high-voltage pulsing required to change memory states without external intervention. --- ### 3. Pinout Configuration (UFDFPN8) The following table describes the standard 8-pin layout for this component: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | S | Chip Select (Active High) | | 2 | C | Serial Clock | | 3 | D | Serial Data Input | | 4 | Q | Serial Data Output | | 5 | Vss | Ground | | 6 | ORG | Internal Organization (x8 or x16) | | 7 | DU | Don't Use (Must be left floating or tied to Vss) | | 8 | Vcc | Supply Voltage | --- ### 4. Part Number Decoding (M93C86-RMB3G/W) * **M93C86:** 16 Kbit MICROWIRE Serial EEPROM. * **-R:** Operating voltage range (1.8V to 5.5V). * **MB:** UFDFPN8 (2x3 mm) package. * **3:** Temperature range 3 (-40 to +125°C). * **G:** ECOPACK2 (RoHS compliant). * **W:** Process technology version. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between MICROWIRE and SPI interfaces?
    • ⤷ How does the ORG pin affect the data addressing?
    • ⤷ What are the common use cases for 16-Kbit EEPROMs?