công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M93C86-RMB3G/S

  • AI
    ## Technical Overview of M93C86-RMB3G/S The **M93C86-RMB3G/S** is a high-performance, low-voltage serial EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is commonly used for non-volatile data storage in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 16 Kbit (2048 x 8 bits or 1024 x 16 bits) | | **Interface** | MICROWIRE (Serial 3-wire) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | Up to 2 MHz | | **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Operating Temp** | -40°C to +125°C | | **Data Retention** | 40 Years | | **Endurance** | 4 million write cycles | --- ### 2. Pin Configuration and Functions The device typically uses an 8-pin layout. Below is the standard functional mapping: * **S (Chip Select):** Activates the device when high. * **D (Serial Data Input):** Receives instructions and data. * **Q (Serial Data Output):** Transfers data out of the device. * **C (Serial Clock):** Synchronizes the data transfer. * **ORG (Organization Select):** Sets the memory architecture (x8 or x16). * **Vcc / Vss:** Power supply and Ground. --- ### 3. Component Breakdown (Naming Convention) The part number follows a specific nomenclature used by STMicroelectronics: | Prefix/Code | Meaning | | :--- | :--- | | **M93C86** | Device Family (16 Kbit Microwire EEPROM) | | **-R** | Voltage range: 1.8V to 5.5V | | **MB** | Package: UFDFPN8 (2x3 mm) | | **3** | Temperature range: -40 to +125 °C | | **G** | ECOPACK2 (RoHS compliant, Halogen-free) | | **S** | High Reliability / Specific Screening | --- ### 4. Hardware Implementation Example When connecting this EEPROM to a microcontroller (e.g., STM32 or Arduino), the following connections are standard: ```cpp // Typical SPI/Microwire Pin Mapping #define EEPROM_CS 10 // Chip Select #define EEPROM_SK 13 // Serial Clock #define EEPROM_DI 11 // Data In (MOSI) #define EEPROM_DO 12 // Data Out (MISO) ``` --- ### 5. Key Advantages 1. **High Endurance:** Supports up to 4 million write cycles, making it ideal for parameters that update frequently. 2. **Sequential Read:** Allows for reading the entire memory contents with a single command. 3. **Space Efficiency:** The UFDFPN8 package is extremely small, suitable for mobile and wearable devices.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between Microwire and SPI interfaces for EEPROMs?
    • ⤷ How does the 'ORG' pin affect the memory addressing in this chip?
    • ⤷ What is the typical power consumption of the M93C86 during a write cycle?