M93C86-RBN7
AI

## Technical Overview of the M93C86-RBN7
The **M93C86-RBN7** is an 16-Kbit (2048 x 8 bits or 1024 x 16 bits) serial Microwire EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is designed for low-voltage applications and utilizes a high-reliability CMOS process.
---
### 1. Key Specifications
The following table outlines the core technical parameters of the device:
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (16,384 bits) |
| **Organization** | Configurable: 2048 x 8 or 1024 x 16 |
| **Interface** | Microwire (3-wire serial) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) |
| **Temperature Range** | -40°C to +105°C (Grade 7) |
| **Endurance** | 1,000,000 write cycles (typical) |
| **Data Retention** | 40 years (typical) |
| **Package** | PDIP8, SO8, or TSSOP8 |
---
### 2. Pin Configuration and Functions
The M93C86 typically comes in an 8-pin package. Each pin serves a specific function for the Microwire protocol:
1. **S (Chip Select):** High level activates the device; low level puts it in standby.
2. **D (Serial Data Input):** Receives instructions, addresses, and data.
3. **Q (Serial Data Output):** Transfers data out of the device.
4. **C (Serial Clock):** Synchronizes data transfer.
5. **ORG (Organization):**
* Tied to **Vcc**: Memory is organized as 16-bit words.
* Tied to **Vss**: Memory is organized as 8-bit bytes.
6. **NC:** No internal connection.
7. **Vcc:** Supply voltage.
8. **Vss:** Ground.
---
### 3. Functional Features
#### A. Operating Modes
The device supports several standard Microwire instructions:
* **READ:** Read data from memory starting at a specific address.
* **WEN (Write Enable):** Must be executed before any write operation.
* **WRITE:** Write a single word/byte into memory.
* **WRAL (Write All):** Writes the same data to all memory locations (useful for initialization).
* **WDS (Write Disable):** Prevents accidental writes to the memory.
#### B. Decoding the Part Number
* **M93C86:** Base Part Number (16 Kbit Microwire EEPROM).
* **-R:** Operating Voltage (1.8V to 5.5V).
* **B:** Process Technology (Standard).
* **N:** Package (Plastic Small Outline - SO8).
* **7:** Device Grade (Operating temperature range of -40 to +105°C).
---
### 4. Applications
Due to its low power consumption and small footprint, the M93C86-RBN7 is commonly found in:
* **Automotive:** Storing calibration data or odometer readings.
* **Consumer Electronics:** Configuration settings for TVs or appliances.
* **Industrial:** Parameter storage for sensors and motor controllers.
* **Telecommunications:** Network card configuration data.
- ⤷
What are the main differences between Microwire and I2C EEPROMs?
- ⤷ Can the M93C86-RBN7 be programmed while in-circuit?
- ⤷ How does the ORG pin affect the address length during communication?