M93C86-RBN6P
AI

## M93C86-RBN6P: Electronic Component Overview
The **M93C86-RBN6P** is a specific variant of Serial EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used for non-volatile data storage in consumer electronics and industrial applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2,048 x 8 bits or 1,024 x 16 bits) |
| **Interface Type** | Microwire (Serial 3-wire) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz (at 5V), 1 MHz (at 1.8V) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) |
| **Write Cycles** | 4 Million cycles |
| **Data Retention** | 200 Years |
---
### 2. Functional Description
The device is organized internally as either bytes (8-bit) or words (16-bit). The organization is typically selected by the state of the **ORG** pin.
#### Pin Configuration (PDIP8)
1. **S (Chip Select):** Activates the device.
2. **C (Serial Clock):** Synchronizes data transfer.
3. **D (Serial Data Input):** Receives instructions and data.
4. **Q (Serial Data Output):** Outputs data during read operations.
5. **Vss:** Ground.
6. **ORG:** Organization Select (Internal architecture 8-bit vs 16-bit).
7. **DU:** Don't Use (Must be left unconnected or tied to Vss).
8. **Vcc:** Power Supply.
---
### 3. Part Number Breakdown
The suffix **-RBN6P** provides specific details about the manufacturing process and packaging:
* **M93C86:** Base part number (16 Kbit Microwire EEPROM).
* **-R:** Operating voltage range (1.8V to 5.5V).
* **BN:** Package type (PDIP8).
* **6:** Industrial temperature range (-40 to +85°C).
* **P:** RoHS compliant / Lead-free (ECOPACK).
---
### 4. Applications
Due to its robust write cycle endurance and long-term data retention, this part is commonly found in:
* **Automotive:** Storing calibration data and odometer settings.
* **Industrial:** Configuration parameters for sensors and controllers.
* **Consumer:** Storing user preferences in appliances or TV settings.
---
- ⤷How does the ORG pin change the memory addressing?
- ⤷ What are the main differences between Microwire and I2C EEPROMs?
- ⤷ Can this chip be programmed using a standard Arduino or Raspberry Pi?