công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M93C66-RBN3

  • AI
    The **M93C66-RBN3** is a specific variant of a serial Microwire EEPROM (Electrically Erasable Programmable Read-Only Memory). It is widely used in automotive, industrial, and consumer electronics for storing small amounts of non-volatile configuration data. --- ## 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Memory Size** | 4 Kbit (4096 bits) | | **Organization** | Configurable: 256 x 16-bit or 512 x 8-bit | | **Interface** | Microwire (3-wire serial) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz | | **Endurance** | 4 million write cycles | | **Data Retention** | 200 years | | **Operating Temp** | -40°C to +125°C (Automotive Grade) | --- ## 2. Functional Electronic Components The internal architecture of the M93C66-RBN3 consists of several critical stages: ### A. Memory Array The core of the chip is the **4 Kbit EEPROM cell matrix**. This non-volatile storage area holds data even when power is removed. It is organized into 16-bit words by default but can be toggled to 8-bit words via the `ORG` pin. ### B. Control Logic and Instruction Decoder This part of the chip interprets the serial bitstream coming from the microcontroller. It handles the specific Microwire commands: * **READ**: Outputs data from the array. * **WRITE**: Writes data to a specific address. * **WEN/WDS**: Write Enable/Disable for data protection. * **ERASE**: Clears specific addresses. ### C. Input/Output (I/O) Pins The physical connection to the PCB is usually via a small form factor package (like DIP8 or TSSOP8). * **S (Chip Select):** Activates the device. * **D (Serial Data Input):** Receives instructions and data. * **Q (Serial Data Output):** Sends data back to the host. * **C (Serial Clock):** Synchronizes data transfer. * **ORG (Organization):** High for x16 organization, Low or NC for x8. --- ## 3. Part Number Decoding The suffix **"RBN3"** provides specific details about the physical and electrical characteristics: | Code Segment | Meaning | | :--- | :--- | | **M93C66** | Base Part Number (Microwire 4Kb EEPROM) | | **-R** | Operating Voltage: 1.8V to 5.5V | | **B** | Package Type: Plastic DIP (Dual In-line Package) | | **N** | Temperature Range: -40 to +125 °C | | **3** | Manufacturing Technology/Plating (Lead-free/Halogen-free) | --- ## 4. Typical Application Circuit When integrating this part into a circuit, it usually interfaces with a Microcontroller (MCU) as follows: ```c MCU Pin [Digital Out] ----> [S] (Chip Select) MCU Pin [Digital Out] ----> [C] (Serial Clock) MCU Pin [Digital Out] ----> [D] (Data In) MCU Pin [Digital In] <---- [Q] (Data Out) VCC (1.8V - 5.5V) ----> [VCC] (Power) GND ----> [VSS] (Ground) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Microwire and SPI interfaces used in EEPROMs?
    • ⤷ How does the 'ORG' pin change the internal memory mapping?
    • ⤷ What are the common failure modes for the M93C66-RBN3 in automotive environments?