công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M93C56-RBN6TP

  • AI
    ## Technical Overview of M93C56-RBN6TP The **M93C56-RBN6TP** is a 2-Kbit serial EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used for non-volatile data storage in consumer electronics, automotive, and industrial applications. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 2 Kbits (2048 bits) | | **Memory Organization** | 128 x 16 bits or 256 x 8 bits (selectable via ORG pin) | | **Interface** | MICROWIRE (Serial Peripheral Interface - SPI like) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz | | **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) | | **Operating Temperature** | -40°C to +85°C | | **Data Retention** | 40 Years | | **Endurance** | 1,000,000 Write Cycles | --- ### Pin Configuration and Functions | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **S** | Chip Select (Activate/Deactivate the device) | | 2 | **C** | Serial Clock (Synchronizes data transfer) | | 3 | **D** | Serial Data Input | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground (0V) | | 6 | **ORG** | Organization Select (High = x16, Low or Open = x8) | | 7 | **DU** | Don't Use (Must be left floating or connected to Vss) | | 8 | **Vcc** | Supply Voltage | --- ### Core Functionality 1. **Memory Organization (ORG Pin):** The device offers flexibility in how data is structured. If the `ORG` pin is connected to `Vcc`, the memory is arranged as **128 words of 16 bits**. If connected to `Vss`, it is arranged as **256 bytes of 8 bits**. 2. **The MICROWIRE Protocol:** It communicates using a synchronous serial protocol. All instructions, addresses, and data are clocked in on the `D` pin on the rising edge of the clock (`C`). 3. **Write Protection:** The device includes a **Write Enable (WEN)** and **Write Disable (WDS)** instruction set. To prevent accidental data corruption, the chip powers up in a "Write Disabled" state. A specific command must be sent before any data can be written or erased. 4. **Sequential Read:** While a standard read retrieves one word/byte, the M93C56 supports sequential reading, allowing the master to read the entire memory contents in a single continuous stream. --- ### Application Usage * **Parameter Storage:** Storing calibration data, device IDs, or user settings. * **Automotive:** Odometer data or radio presets (often found in older modules). * **Industrial:** Configuration logging for sensors or actuators.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MICROWIRE and SPI protocols used in EEPROMs?
    • ⤷ How does the 'Sequential Read' feature improve data retrieval efficiency?
    • ⤷ What are the advantages of the PDIP8 package compared to the SO8 package for this chip?