M93C56-RBN6P
AI

## Technical Overview: M93C56-RBN6P
The **M93C56-RBN6P** is a specific variant of the 2-Kbit serial EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is widely used for non-volatile data storage in consumer electronics and industrial applications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (2048 bits) |
| **Organization** | Configurable: 128 x 16-bit or 256 x 8-bit |
| **Interface** | MICROWIRE (3-wire serial interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz |
| **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Data Retention** | > 40 Years |
| **Write Cycles** | 1,000,000+ erase/write cycles |
---
### 2. Part Number Breakdown (Nomenclature)
Understanding the suffix helps identify the exact physical and electrical characteristics:
* **M93C56**: Base part number for the 2-Kbit MICROWIRE EEPROM.
* **-R**: Indicates a wide voltage range operation (1.8V to 5.5V).
* **B**: Refers to the specific temperature grade (Industrial).
* **N**: Represents the **PDIP8** package (Through-hole).
* **6**: Indicates the standard industrial temperature range (-40 to +85°C).
* **P**: Indicates Lead-free and RoHS compliant packaging.
---
### 3. Pin Configuration (PDIP8)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select (Active High) |
| 2 | **C** | Serial Clock |
| 3 | **D** | Serial Data Input |
| 4 | **Q** | Serial Data Output |
| 5 | **Vss** | Ground |
| 6 | **ORG** | Organization Select (High: x16, Low: x8) |
| 7 | **DU** | Don't Use (Must be left floating or connected to Vcc/Vss) |
| 8 | **Vcc** | Supply Voltage |
---
### 4. Core Features and Functionality
* **MICROWIRE Interface**: Unlike I2C or SPI, this uses a specialized 3-wire protocol (plus Chip Select). It is synchronous, meaning data is transferred in sync with the clock signal.
* **Flexible Organization**: The **ORG** pin allows the user to choose how the 2048 bits are addressed—either as 256 individual bytes or 128 words (16-bit).
* **Self-Timed Write Cycle**: The chip manages the internal high-voltage timing required to "burn" data into the memory cells, freeing up the host microcontroller's resources.
* **Sequential Read**: The device allows reading the entire memory contents sequentially after providing an initial starting address.
---
### 5. Common Applications
* **Calibration Data**: Storing sensor offset values.
* **Configuration Settings**: Saving user preferences or device IDs.
* **Counter/Usage Tracking**: Recording how many times a device has been powered on.
* **Legacy Systems**: Often used in older automotive or industrial control units that rely on the MICROWIRE protocol.
- ⤷
What are the main differences between the MICROWIRE and I2C versions of this EEPROM?
- ⤷ Can I use this 1.8V chip in a 5V logic circuit without a level shifter?
- ⤷ How does the ORG pin impact the addressing logic during a read/write operation?