công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M93C46-RMB6TG

  • AI
    ## Technical Overview: M93C46-RMB6TG The **M93C46-RMB6TG** is a 1-Kbit low-voltage Serial Microwire EEPROM (Electrically Erasable Programmable Memory) manufactured by **STMicroelectronics**. It is widely used for storing configuration data, user preferences, and small lookup tables in embedded systems. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (1,024 bits) | | **Organization** | User-selectable: 64 x 16-bit or 128 x 8-bit | | **Interface** | Microwire (3-wire serial interface) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V - 5.5V); 1 MHz (at 1.8V) | | **Package** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | | **Write Endurance** | 4 million write cycles | | **Data Retention** | 200 years | --- ### 2. Pin Configuration and Functions The M93C46 typically uses the following pins for communication and power: | Pin Name | Description | Function | | :--- | :--- | :--- | | **S (Chip Select)** | Input | Activates the device when high. | | **D (Data Input)** | Input | Receives instructions and data serially. | | **Q (Data Output)** | Output | Transmits data serially; high impedance when not selected. | | **C (Serial Clock)** | Input | Synchronizes data transfer. | | **ORG (Organization)** | Input | High = x16 organization; Low/GND = x8 organization. | | **Vcc / Vss** | Power | Supply voltage and ground. | --- ### 3. Core Features & Capabilities * **Sequential Read:** Allows the system to read the entire memory contents in a single stream by keeping the Chip Select (S) high and continuing the clock. * **Write Protection:** Includes a "Write Enable" instruction to prevent accidental data loss. No write operations can occur unless the Write Enable (WEN) instruction has been executed. * **Self-Timed Programming:** Once a write command is sent, the internal erase/write cycle is managed by the chip itself, freeing up the host microcontroller. * **Ready/Busy Status:** During a write cycle, the Data Output (Q) pin can be polled to check if the device is busy or ready for the next instruction. --- ### 4. Implementation Example (Basic Logic) To read from the memory, the microcontroller must send a specific bit sequence over the Microwire interface. ```c // Pseudo-code for Read Command (x16 mode) // Command structure: Start Bit (1) + Opcode (10) + Address (6 bits) void read_eeprom(uint8_t address) { select_chip(); // Set CS High send_bits(0b1, 1); // Start Bit send_bits(0b10, 2); // Read Opcode send_bits(address, 6); // Target Address uint16_t data = read_bits(16); // Receive 16 bits of data deselect_chip(); // Set CS Low } ``` --- ### 5. Common Applications * **Consumer Electronics:** Storing TV channel settings or volume levels. * **Industrial:** Calibration constants for sensors and actuators. * **Networking:** MAC address storage and hardware configuration. * **Automotive:** Odometer data and fault code logging in legacy systems.
    ✨ Follow-up Questions
    • ⤷What are the main differences between Microwire and I2C EEPROMs?
    • ⤷ How does the 'ORG' pin affect the memory layout in practical circuits?
    • ⤷ Can this EEPROM be used in 3.3V and 5V systems simultaneously?