công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M93C46-RMB6G

  • AI
    ## Overview of the M93C46-RMB6G The **M93C46-RMB6G** is a low-voltage, serial Electrically Erasable Programmable Read-Only Memory (EEPROM). It is commonly used for storing configuration data, calibration constants, and small amounts of user data in embedded systems. --- ### Technical Specifications The following table outlines the primary electrical and mechanical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (1024 bits) | | **Organization** | Configurable: 64 x 16-bit or 128 x 8-bit | | **Interface** | MICROWIRE (3-wire serial) | | **Operating Voltage (Vcc)** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V) / 1 MHz (at 1.8V) | | **Package Type** | UFDFPN8 (MLP8) - 2x3 mm | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | | **Write Cycles** | 4 million cycles (typical) | | **Data Retention** | 200 Years | --- ### Pin Configuration and Functions The M93C46 typically utilizes an 8-pin layout. Below is the functional description for the pins in the **UFDFPN8** package: 1. **S (Chip Select):** Activates the device when held high. 2. **C (Serial Clock):** Synchronizes the data transfer. 3. **D (Serial Data Input):** Receives opcodes, addresses, and data. 4. **Q (Serial Data Output):** Transfers data out of the device. 5. **Vss:** Ground connection. 6. **ORG (Organization):** Sets the memory architecture (High for x16, Low or Open for x8). 7. **DU (Don't Use):** No internal connection. 8. **Vcc:** Supply voltage. --- ### Key Features and Electronic Behavior * **Instruction Set:** The device is controlled via a set of 7 instructions: Read, Write, Erase, Write Enable/Disable, and Write/Erase All. * **Ready/Busy Status:** During a write cycle, the data output pin (Q) can be used to poll the status of the internal write operation. * **Low Power Consumption:** Designed for battery-operated devices, with a very low standby current (typically less than 1 µA at 1.8V). * **Sequential Read:** It supports sequential reading, allowing the host to read the entire memory contents in a single stream. --- ### Application Example To interface with a microcontroller, the following logic structure is used in C/C++ pseudo-code: ```cpp // Example: Basic Read Command for M93C46 void readEEPROM(uint8_t address) { digitalWrite(CHIP_SELECT, HIGH); // Start communication shiftOut(DATA_IN, CLOCK, 0x06); // Send READ opcode (110) shiftOut(DATA_IN, CLOCK, address); // Send the target address uint16_t data = shiftIn(DATA_OUT, CLOCK); // Receive 16-bit data digitalWrite(CHIP_SELECT, LOW); // End communication } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between MICROWIRE and SPI interfaces for this EEPROM?
    • ⤷ How does the 'ORG' pin affect the addressing of the M93C46?
    • ⤷ What are the specific soldering requirements for the UFDFPN8 package?