công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M93C46-RMB6

  • AI
    ## Detailed Technical Overview: M93C46-RMB6 The **M93C46-RMB6** is a low-voltage, serial Electrically Erasable Programmable Read-Only Memory (EEPROM) manufactured by STMicroelectronics. It is commonly used for non-volatile storage of configuration data, calibration constants, and device IDs. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Memory Size** | 1 Kbit (1,024 bits) | | **Organization** | 64 x 16-bit or 128 x 8-bit (Selectable) | | **Interface** | MICROWIRE (3-wire serial) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 4.5V - 5.5V) | | **Write Cycles** | More than 1,000,000 cycles | | **Data Retention** | > 40 Years | | **Package Type** | UFDFPN8 (MLP8) - Ultra Thin Dual Flat Package | --- ### 2. Pin Configuration (UFDFPN8) The device typically follows a standard 8-pin layout for MICROWIRE devices: 1. **S (Chip Select):** Enables the chip when high. 2. **C (Serial Clock):** Synchronizes data transfer. 3. **D (Serial Data Input):** Receives instructions and data. 4. **Q (Serial Data Output):** Outputs data during read operations. 5. **Vss:** Ground. 6. **ORG (Organization):** Hardware pin to select 8-bit or 16-bit mode. 7. **DU (Don't Use):** Must be left floating or grounded. 8. **Vcc:** Supply voltage. --- ### 3. Understanding the Part Number Code The nomenclature provides specific details about the chip's environment and physical properties: | Code | Meaning | | :--- | :--- | | **M93C46** | Base Part Number (1 Kbit Microwire EEPROM) | | **-R** | Operating Voltage: 1.8V to 5.5V | | **MB** | Package: UFDFPN8 (2 x 3 mm) | | **6** | Temperature Range: -40 to +85 °C (Industrial) | --- ### 4. Operational Features * **Sequential Read:** Allows reading the entire memory contents continuously by holding the Chip Select high and clocking the device. * **Write Protection:** Includes a "Write Disable" instruction to prevent accidental data corruption during power-up or power-down. * **Ready/Busy Signal:** During a write cycle, the Data Output (Q) pin can be polled to check if the internal write operation is complete. * **Self-Timed Write Cycle:** The chip handles the erase-before-write process internally, requiring no external timing components. --- ### 5. Application Use Cases * **Consumer Electronics:** Storing user preferences in remote controls or smart home devices. * **Industrial:** Calibration data for sensors and small-scale data logging. * **Networking:** MAC address storage for network interface cards.
    ✨ Follow-up Questions
    • ⤷ How do you wire the ORG pin for 16-bit organization versus 8-bit?
    • ⤷ What are the main differences between the MICROWIRE and I2C protocols for EEPROMs?
    • ⤷ Can you provide a code example for reading data from an M93C46 using an Arduino?