M93C46-RMB3TG/W
AI

The **M93C46-RMB3TG/W** is a low-voltage, serial Microwire EEPROM (Electrically Erasable Programmable Memory) manufactured by STMicroelectronics. It is widely used for storing configuration data, user preferences, and calibration parameters in embedded systems.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (1,024 bits) |
| **Organization** | 64 x 16-bit or 128 x 8-bit (User selectable) |
| **Interface** | Microwire (3-wire serial interface) |
| **Supply Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz |
| **Package Type** | UFDFPN8 (Ultra-thin Fine pitch Dual Flat No-lead) |
| **Temperature Range** | -40°C to +125°C (Automotive Grade 3) |
| **Data Retention** | > 40 Years |
| **Write Cycles** | 4 Million cycles |
---
## 2. Pin Configuration
The device typically uses an 8-pin layout. The functions of the pins are as follows:
1. **S (Chip Select):** Activates the device when high.
2. **D (Serial Data Input):** Receives opcodes, addresses, and data.
3. **Q (Serial Data Output):** Outputs data during read operations.
4. **C (Serial Clock):** Synchronizes data transfer.
5. **ORG (Organization):** Selects internal organization (High for x16, Low/GND for x8).
6. **Vcc/Vss:** Power supply and Ground.
---
## 3. Key Features
* **Microwire Protocol:** Uses a simple synchronous serial bus. It is similar to SPI but uses a specific opcode-based communication style.
* **Sequential Read:** Allows for reading the entire memory contents in a single continuous stream.
* **Self-Timed Write Cycle:** Includes an internal control timer that manages the "Write" or "Erase" duration (typically 5ms).
* **Ready/Busy Signal:** After a write command, the Data Out (Q) pin can be polled to check if the internal write cycle is complete.
* **Low Power Consumption:** Optimized for battery-operated devices with low active and standby currents.
---
## 4. Part Number Breakdown
* **M93C46:** Base part number (1 Kbit Microwire EEPROM).
* **-R:** Operating voltage range (1.8V to 5.5V).
* **MB:** Package code for UFDFPN8 (2x3 mm).
* **3:** Temperature range (-40 to +125 °C).
* **TG:** Tape & Reel packing with "Green" (RoHS compliant) materials.
* **W:** Process technology/wafer identifier.
- ⤷
How does the ORG pin change the memory addressing between 8-bit and 16-bit modes?
- ⤷ What are the specific timing requirements for the 'Ready/Busy' polling on pin Q?
- ⤷ Can this EEPROM be interfaced directly with a standard SPI controller?