M93C46-RBN3
AI

## Overview of M93C46-RBN3
The **M93C46-RBN3** is a 1-Kbit low-voltage serial EEPROM (Electrically Erasable Programmable Memory) organized as either 64 words of 16 bits or 128 words of 8 bits. It is commonly used in consumer electronics for storing configuration data and small amounts of non-volatile information.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 1 Kbit (1,024 bits) |
| **Memory Organization** | 64 x 16-bit or 128 x 8-bit |
| **Interface** | MICROWIRE (Serial Peripheral Interface variant) |
| **Operating Voltage (Vcc)** | 1.8V to 5.5V |
| **Clock Frequency** | 2 MHz |
| **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) |
| **Temperature Range** | -40°C to +125°C (Automotive Grade 3) |
| **Endurance** | 1,000,000 Write Cycles |
| **Data Retention** | 40 Years |
---
### Pin Configuration and Functions
The device follows a standard 8-pin layout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **S** | Chip Select: Activates the device when High. |
| 2 | **C** | Serial Clock: Synchronizes data transfer. |
| 3 | **D** | Serial Data Input: Used to write data and instructions. |
| 4 | **Q** | Serial Data Output: Used to read data from memory. |
| 5 | **Vss** | Ground: 0V reference. |
| 6 | **ORG** | Organization Select: High = x16 mode; Low/GND = x8 mode. |
| 7 | **DU** | Don't Use: Leave disconnected or connected to GND. |
| 8 | **Vcc** | Supply Voltage: Power source. |
---
### Key Features and Logic Operations
#### 1. Instruction Set
The M93C46 is controlled via a set of 7 instructions:
* **READ:** Read data from memory.
* **WEN (Write Enable):** Required before any write or erase operation.
* **WRITE:** Write a single word to the specified address.
* **ERASE:** Erase a single word.
* **WRAL (Write All):** Writes the same data to all memory locations.
* **ERAL (Erase All):** Clears the entire memory.
* **WDS (Write Disable):** Protects data from accidental writes.
#### 2. Ready/Busy Status
During a write cycle, the Data Output (**Q**) pin acts as a status indicator. After the Chip Select (**S**) is pulled Low and then High again, the device will pull **Q** Low if it is still busy writing and High once the cycle is complete.
#### 3. Data Protection
The device features a software-controlled write protection mechanism. Upon power-up, the device is automatically in the "Write Disabled" state to prevent data corruption during voltage fluctuations.
---
### Common Applications
* **Computer Peripherals:** Storing MAC addresses or device IDs.
* **Consumer Electronics:** Calibration data for digital cameras or TVs.
* **Automotive:** Storing sensor settings or odometer data.
* **Industrial:** Configuration parameters for PLCs or motor controllers.
- ⤷What is the difference between the x8 and x16 organization modes?
- ⤷ How does the MICROWIRE interface differ from standard SPI?
- ⤷ What are the power consumption levels for this chip during read/write operations?