AI

The **M9356-RDS6T** (often identified as part of the STMicroelectronics M93 family) is a Serial Microwire (3-wire) EEPROM (Electrically Erasable Programmable Read-Only Memory). These components are widely used for non-volatile parameter storage in automotive and industrial applications.
---
### 1. Key Technical Specifications
Below are the core electronic characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Memory Size** | 2 Kbit (organized as 128 x 16-bit or 256 x 8-bit) |
| **Interface** | Microwire (Serial 3-Wire) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Clock Frequency** | Up to 2 MHz (at 4.5V - 5.5V) |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Operating Temp** | -40°C to +85°C (Standard Industrial Grade) |
| **Write Cycles** | More than 4 million cycles |
| **Data Retention** | Over 200 years |
---
### 2. Pin Configuration (TSSOP8)
The device typically follows a standard 8-pin layout for Microwire EEPROMs:
1. **S (Chip Select):** High level enables the device; low level puts it in standby.
2. **C (Serial Clock):** Used to synchronize data transfer.
3. **D (Serial Data Input):** Receives instructions and data.
4. **Q (Serial Data Output):** Outputs data during read operations.
5. **VSS:** Ground.
6. **ORG (Organization):** Selects between x8 or x16 memory organization.
7. **DU/NC:** Don't Use or No Connect.
8. **VCC:** Supply Voltage.
---
### 3. Functional Features
* **Sequential Read:** Allows reading the entire memory contents via a single command.
* **Write Protection:** Includes a "Write Disable" state at power-on to prevent accidental data corruption.
* **Ready/Busy Signal:** During a write cycle, the Data Output (Q) pin can be used to poll the status of the internal write operation.
* **Low Power Consumption:** Features a standby mode that draws minimal current when Chip Select is low.
---
### 4. Code Example (Pseudo-Logic)
If you were interfacing this with a microcontroller (like an Arduino or STM32), the communication logic follows this structure:
```cpp
// Example: Sending a READ instruction to M9356
void readEEPROM(int address) {
digitalWrite(CHIP_SELECT, HIGH); // Start communication
shiftOut(DATA_IN, CLOCK, MSBFIRST, READ_OPCODE); // Send Opcode
shiftOut(DATA_IN, CLOCK, MSBFIRST, address); // Send Address
uint16_t data = shiftIn(DATA_OUT, CLOCK, MSBFIRST); // Read 16-bit word
digitalWrite(CHIP_SELECT, LOW); // End communication
}
```
---
- ⤷
What is the difference between the x8 and x16 organization modes in this chip?
- ⤷ Can you explain the specific write cycle timing requirements for the M9356?
- ⤷ What are the common alternatives to the M9356-RDS6T for automotive use?