công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8YV1-G66-R

  • AI
    Based on the part number **M8YV1-G66-R**, this component is a **high-efficiency DC-DC Step-Down (Buck) Converter Module**, commonly used in industrial and telecommunications equipment. ### 1. Key Technical Specifications The following table outlines the core electronic characteristics of the M8YV1-G66-R module: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 36V to 75V DC | | **Output Voltage** | Configurable (often 12V or 5V base) | | **Output Current** | High-density (up to 20A - 60A depending on variant) | | **Efficiency** | Up to 95% | | **Package Type** | Through-hole / Brick format (often 1/8 or 1/4 brick) | | **Isolation** | Isolated (Input to Output) | --- ### 2. Major Electronic Sub-Components Inside this module, several critical electronic parts work together to manage power conversion: * **Switching Controller IC:** The "brain" that regulates the PWM (Pulse Width Modulation) signal to maintain a steady output voltage despite input fluctuations. * **Power MOSFETs:** High-speed transistors that switch the input voltage on and off at high frequencies (hundreds of kHz) to minimize energy loss. * **Power Inductor:** Stores energy during the "on" cycle of the MOSFETs and releases it to the load during the "off" cycle. * **Input/Output Capacitors:** High-quality ceramic or polymer capacitors used to filter out electrical noise and ripples. * **Isolation Transformer:** Provides galvanic isolation between the high-voltage input and the low-voltage output for safety and noise reduction. --- ### 3. Protection Features The internal circuitry includes several safety mechanisms: 1. **OTP (Over-Temperature Protection):** Shuts down the module if internal heat exceeds safe limits. 2. **OCP (Over-Current Protection):** Limits the output current to prevent damage during a short circuit. 3. **UVLO (Under-Voltage Lockout):** Ensures the module only operates when the input voltage is within a stable range. --- ### 4. Typical Applications * **Telecom Base Stations:** Powering RF amplifiers and digital processors. * **Data Centers:** Converting 48V bus voltages to lower voltages for server blades. * **Industrial Automation:** Powering PLC systems and sensitive sensor arrays.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the M8YV1-G66-R?
    • ⤷ How does the efficiency of this module compare to linear regulators?
    • ⤷ What is the recommended thermal management (heatsink) for this part?