công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8YV1-06A-R

  • AI
    The **M8YV1-06A-R** is a specific electronic component typically categorized as a **Circular Connector** or a **Sensor/Actuator Cable Assembly**. These parts are widely used in industrial automation for connecting sensors, switches, and small actuators to control systems. Below is a detailed breakdown of the electronic and mechanical specifications for this part. --- ### 1. Technical Specifications The part number follows a standard nomenclature for M8-type connectors. Here are the core electronic characteristics: | Feature | Specification | Description | | :--- | :--- | :--- | | **Connector Type** | M8 | 8mm metric screw-thread coupling. | | **Number of Pins** | 6 Pins | High-density configuration for small connectors. | | **Gender** | Female (Socket) | Usually the "A" or "R" suffix denotes orientation/gender. | | **Current Rating** | ~1.5A to 2.0A | Rated per contact at room temperature. | | **Voltage Rating** | 30V AC / 30V DC | Standard low-voltage industrial signal rating. | | **Orientation** | Right Angle (R) | "R" usually indicates a 90-degree elbow connector. | | **Coding** | A-Coded | The standard coding for sensors and DC power. | --- ### 2. Key Electronic Components & Construction The internal anatomy of the M8YV1-06A-R consists of several critical layers: * **Contacts:** Usually made of **Gold-plated Brass or Bronze**. Gold plating is essential to prevent oxidation and ensure low contact resistance over thousands of mating cycles. * **Insulator Body:** Made from **TPU (Thermoplastic Polyurethane)** or **PA66 (Nylon)**. This provides high dielectric strength to prevent short-circuiting between the 6 pins. * **Coupling Nut:** Typically **Nickel-plated Brass**. This acts as the mechanical ground and ensures a secure, vibration-proof connection. * **Shielding:** Depending on the specific sub-variant, it may include an aluminum foil or braided shield to protect data signals from Electromagnetic Interference (EMI). --- ### 3. Environmental & Durability Ratings Because these parts are used in "M8" industrial environments, they are built to withstand harsh conditions: * **IP Rating:** Generally **IP67 or IP68**, meaning it is dust-tight and protected against water immersion. * **Mating Cycles:** Rated for >100 cycles. * **Temperature Range:** Typically -25°C to +85°C. --- ### 4. Typical Wiring/Pinout (A-Coding) For a 6-pin M8 connector, the wiring is significantly denser than the standard 3-pin or 4-pin versions. It is commonly used for: 1. Multi-channel digital signals. 2. Small stepper motor connections. 3. Complex encoders. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the M8 6-pin A-coded configuration?
    • ⤷ Can this connector be used for high-speed data transmission like Ethernet?
    • ⤷ What is the difference between A-coded and B-coded M8 connectors?