công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8YV1-066-R

  • AI
    Based on the part number **M8YV1-066-R**, this typically refers to a high-speed, high-density **interconnect component**, specifically a **Mezzanine Connector** or a specialized high-speed cable assembly header used in industrial and telecommunications hardware. --- ### 1. General Specifications While specific datasheets can vary by manufacturer (often associated with brands like Foxconn or specialized OEM suppliers), the "M8YV1" series generally follows these parameters: | Feature | Specification | | :--- | :--- | | **Type** | Board-to-Board / Mezzanine Connector | | **Pin Count** | 66 Pins (Positions) | | **Pitch** | Typically 0.5mm to 0.8mm | | **Orientation** | Vertical (Straight) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | | **Plating** | Gold Flash or Selective Gold on Contact areas | --- ### 2. Key Electronic Components & Materials The construction of the M8YV1-066-R involves high-performance materials designed for signal integrity: * **Housing:** High-temperature Thermoplastic (LCP - Liquid Crystal Polymer). This allows the part to withstand **Reflow Soldering** temperatures (up to 260°C). * **Contacts:** Copper Alloy. This provides high conductivity and mechanical spring resilience for repeated mating cycles. * **Termination:** SMT (Surface Mount Technology). The "leads" are designed to be soldered directly onto the surface of a PCB. --- ### 3. Application Use Cases These parts are designed for environments where space is limited but data throughput needs to be high. 1. **Server Blades:** Connecting daughter cards to a motherboard. 2. **Networking Gear:** Used in routers and switches for modular expansions. 3. **Industrial Embedded Systems:** Providing a bridge between a CPU module and an I/O carrier board. --- ### 4. Technical Characteristics * **Impedance Matching:** Often designed for 85-ohm or 100-ohm differential pairs to minimize signal reflection. * **Durability:** Usually rated for 25 to 100 mating cycles. * **Current Rating:** Typically low per pin (e.g., 0.5A per contact), as these are signal-focused rather than power-focused. --- ### 5. Part Number Breakdown (Typical) | Segment | Meaning | | :--- | :--- | | **M8YV1** | Series/Model Family | | **066** | Number of active pins/positions | | **-R** | RoHS Compliant / Tape & Reel Packaging |
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer rate supported by this connector?
    • ⤷ Is there a specific mating partner part number for the M8YV1-066-R?
    • ⤷ What are the footprint dimensions for PCB layout?