công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8YV-Z44-R/F

  • AI
    The **M8YV-Z44-R/F** is a specialized electronic component typically associated with high-precision sensing and automation, specifically within the **M8 series** of connectors and inductive sensors used in industrial environments. Below is a technical breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part number refers to a specific configuration of an M8-style electronic component, often utilized in PLC (Programmable Logic Controller) interfacing and robotics. | Feature | Specification | | :--- | :--- | | **Connector Type** | M8 (Metric 8mm thread) | | **Pin Configuration** | 4-Pin / 4-Wire | | **Signal Logic** | R/F (Often denotes High-flex or Reverse polarity protection features) | | **Housing Material** | Nickel-plated brass or Stainless Steel | | **Ingress Protection** | IP67 / IP68 (Dust tight and waterproof) | --- ### 2. Electronic Connectivity (4-Pin Layout) In standard industrial automation, the 4-pin electronic configuration follows specific color coding and voltage logic: 1. **Brown (BN):** Positive Power Supply (+VDC, typically 10-30V). 2. **White (WH):** Complementary Output (NC - Normally Closed) or Secondary Signal. 3. **Blue (BU):** Negative Supply (0V / Ground). 4. **Black (BK):** Control Output (NO - Normally Open) or Primary Signal. ### 3. Key Electronic Characteristics * **Operating Voltage:** Generally operates within a **10V to 30V DC** range, making it compatible with standard industrial power rails. * **Switching Frequency:** High-speed switching capabilities (up to 1-2 kHz), allowing for rapid object detection in assembly lines. * **Protection Circuits:** * **Short-circuit protection:** Prevents damage if the output is accidentally grounded. * **Reverse polarity protection:** Protects the internal circuitry if the power leads are swapped. * **Inductive load protection:** Clamps voltage spikes when driving relays. ### 4. Code Breakdown (Nomenclature) The suffix **R/F** in the part number usually highlights mechanical or electronic resilience: * **R (Robot/Radial):** Indicates the cable is designed for high-torsion or "Robot-rated" applications where frequent bending occurs. * **F (Flame/Field):** Can indicate flame-retardant jacket material (PUR/PVC) or specific field-wireable termination. --- ### Application Usage These parts are most commonly found in: * **Proximity Sensors:** Detecting the presence of metal parts. * **Photoelectric Sensors:** Processing light-beam interruptions. * **Actuator Connections:** Sending signals to small pneumatic valves or LED indicators. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for M8 4-pin connectors?
    • ⤷ How does the 'R/F' rating affect the lifespan of the cable in robotic arms?
    • ⤷ Can this component be used in AC voltage circuits?