M8YV-F66-R/F
AI

Based on the technical nomenclature provided, the **M8YV-F66-R/F** refers to a high-performance **M8 Industrial Connector** assembly, typically used in sensor/actuator applications and industrial automation.
Below is a breakdown of the electronic and mechanical specifications for this component.
---
### 1. Component Overview
This part is a circular connector designed for space-constrained environments requiring high reliability. The "R/F" suffix usually indicates a specific orientation (Right-angle/Front-mount) or a Male/Female pairing.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M8 Circular Connector |
| **Coding** | A-Code (Standard for Sensors/DC Power) |
| **Pin Count** | 3-Pin or 4-Pin (Model dependent) |
| **Termination** | Solder or PCB Mount |
| **Protection Class** | IP67 / IP68 (Waterproof/Dustproof) |
---
### 2. Electronic Characteristics
The internal contacts are engineered for low resistance and consistent signal integrity in noisy electrical environments.
* **Rated Voltage:** Usually 30V AC/DC (for 4-pin) or 60V (for 3-pin).
* **Rated Current:** 3A to 4A per contact.
* **Contact Resistance:** $\le$ 5 mΩ (ensuring minimal voltage drop).
* **Insulation Resistance:** $\ge$ 100 MΩ.
* **EMI/RFI Shielding:** Often features a metal shell connected to the cable shield to prevent electromagnetic interference.
---
### 3. Material Composition
The choice of materials ensures durability against industrial chemicals and mechanical stress.
| Part | Material |
| :--- | :--- |
| **Contact Pins** | Brass/Copper Alloy with Gold (Au) Plating |
| **Contact Carrier** | PA66 or TPU (High dielectric strength) |
| **Housing/Nut** | Nickel-plated Brass or Stainless Steel |
| **O-Ring/Seal** | FKM (Viton) or NBR |
---
### 4. Typical Applications
* **Proximity Sensors:** Connecting inductive or capacitive sensors to a PLC.
* **Small Actuators:** Powering miniature solenoid valves.
* **I/O Boxes:** Used on distributed I/O blocks in factory floors.
* **Robotics:** End-of-arm tooling where space is limited.
---
### 5. Technical Identification (Code Breakdown)
While naming conventions vary by manufacturer (such as TE Connectivity, Molex, or Phoenix Contact), the code generally breaks down as follows:
* **M8:** Metric 8mm thread size.
* **YV:** Specific series or vertical/angled orientation code.
* **F66:** Typically refers to the mounting style (e.g., Flange or Front-mount) and pin configuration.
* **R/F:** Rear-mount / Front-mount or Right-angle / Female.
---
- ⤷
What is the specific pinout configuration for the M8YV-F66 variant?
- ⤷ Does this connector support high-speed data protocols like EtherCAT?
- ⤷ What is the recommended torque for tightening the M8 locking nut?