M8YV-F55-R/F
AI

The **M8YV-F55-R/F** is a specialized electronic component, typically identified as a high-performance **Magnetic Field Sensor (Magnetoresistive Sensor)**, commonly used in industrial automation for pneumatic cylinder position sensing.
Below is a breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
This sensor is designed to detect the presence of a magnetic field (usually from a magnet inside a piston) and convert it into an electrical signal.
| Feature | Specification Details |
| :--- | :--- |
| **Sensor Type** | Magnetic Sensitive / Solid State |
| **Switching Logic** | PNP or NPN (Model dependent, usually Open Collector) |
| **Output State** | Normally Open (NO) |
| **Operating Voltage** | 10V to 30V DC |
| **Load Current** | 5mA to 100mA |
| **Indicator** | Red LED (Internal) |
---
### 2. Electronic Internal Components
The "F55" series typically utilizes **Solid State** technology rather than a traditional reed switch. This provides several electronic advantages:
* **Magnetoresistive Element:** The core sensing part that changes its electrical resistance in the presence of a magnetic field.
* **Protection Circuitry:** Includes Reverse Polarity Protection and Surge Suppression to prevent damage from wiring errors or inductive spikes.
* **Switching Element:** Uses a transistor (Bipolar Junction Transistor) to handle the load, allowing for millions of cycles without mechanical wear.
* **Voltage Regulator:** Ensures stable operation despite fluctuations in the DC power supply.
---
### 3. Connection and Wiring
The wiring follows standard industrial color coding for 3-wire DC sensors.
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | V+ | Positive Power Supply (10-30V DC) |
| **Blue** | 0V | Negative / Ground |
| **Black** | Output | Signal to PLC or Relay |
---
### 4. Key Performance Advantages
Compared to mechanical switches, the M8YV-F55-R/F offers:
1. **High Frequency Response:** Can detect fast-moving pistons that a mechanical reed switch might miss.
2. **No Contact Bounce:** Provides a clean digital signal to the PLC, eliminating the need for software debouncing.
3. **Vibration Resistance:** Solid-state components are immune to the mechanical vibrations typical of heavy machinery.
---
- ⤷
What is the difference between the 'R' and 'F' suffixes in this part number?
- ⤷ Can this sensor be used with AC voltage instead of DC?
- ⤷ What is the typical sensing distance for this magnetic sensor?