M8YV-F55-R/BL
AI

The **M8YV-F55-R/BL** is a specialized electronic component typically associated with high-performance cooling fans, often used in server environments, industrial computing, or high-density electronics cooling.
Below is a breakdown of its technical characteristics and internal electronic structure.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | DC Axial Cooling Fan |
| **Voltage Rating** | Typically 12V DC (Standard for F55 series) |
| **Drive System** | Brushless DC (BLDC) Motor |
| **Control Signal** | PWM (Pulse Width Modulation) for speed control |
| **Feedback Signal** | Tachometer (FG) Output |
### 2. Internal Electronic Architecture
The "brain" of the M8YV series involves several key electronic layers:
* **Commutation Circuitry:** Uses Hall-effect sensors to detect the rotor's position. This information is fed to an integrated circuit (IC) that switches the current to the stator windings, eliminating the need for physical brushes.
* **PWM Speed Control:** The `BL` designation often refers to specialized logic that allows for a wide dynamic range of speeds. The electronic controller interprets a 25kHz PWM signal to adjust the duty cycle of the motor drive.
* **Protection Circuits:**
* **Locked Rotor Protection:** Automatically cuts power to the motor coils if the fan is physically obstructed to prevent thermal runaway.
* **Reverse Polarity Protection:** Prevents damage if the positive and negative leads are swapped during installation.
* **Soft Start Logic:** Slowly ramps up the current when the fan starts to reduce electrical noise and mechanical stress on the system power supply.
### 3. Wiring Configuration (4-Wire Interface)
Most high-end M8YV models utilize a 4-pin interface to allow for intelligent management:
| Wire Color (Standard) | Function | Electronic Purpose |
| :--- | :--- | :--- |
| **Black** | GND | Common Ground |
| **Red** | VCC | Power Supply (12V) |
| **Yellow** | Tachometer (FG) | Frequency Generator signal (2 pulses per revolution) |
| **Blue** | PWM | Control signal input from the Motherboard/BMC |
---
### 4. Key Performance Characteristics
* **High Static Pressure:** Designed with high-pitch blades to push air through dense obstructions like heatsinks or server chassis.
* **Long-Life Bearings:** Usually equipped with dual ball bearings to ensure the electronic components operate within a stable thermal environment for 50,000+ hours.
- ⤷
What is the maximum RPM and CFM rating for this specific model?
- ⤷ How do I interpret the 'R/BL' suffix in the manufacturer's part numbering system?
- ⤷ Can this fan be used with a 3-pin header if PWM control is not required?