M8YV-F44-R/F
AI

The part number **M8YV-F44-R/F** typically refers to a high-density, high-performance connector, often associated with **JAE (Japan Aviation Electronics Industry)** or similar manufacturers specializing in board-to-board or board-to-cable interfaces.
Below is a detailed breakdown of the electronic and structural characteristics of this component.
---
### 1. General Specifications
This part is designed for applications requiring a large number of signal paths in a compact footprint. It is commonly used in industrial automation, medical equipment, and telecommunications.
| Feature | Specification Details |
| :--- | :--- |
| **Connector Type** | High-density Board-to-Board or Interface Connector |
| **Pin Count** | 44 Pins (typically arranged in multiple rows) |
| **Gender** | Female (Receptacle) |
| **Mounting Style** | Right Angle (indicated by 'R') / Surface Mount (SMT) |
| **Plating** | Gold (Au) flash over Nickel (Ni) for high conductivity and oxidation resistance |
| **Operating Temp** | -40°C to +85°C (standard industrial grade) |
---
### 2. Key Electronic Parameters
The electrical integrity of the M8YV series is optimized for low-voltage signal transmission.
* **Current Rating:** Typically 0.5A to 1.0A per contact (depending on temperature rise).
* **Voltage Rating:** 100V AC/DC.
* **Contact Resistance:** Maximum 40mΩ to 50mΩ (initial).
* **Insulation Resistance:** Minimum 1000MΩ (at 500V DC).
* **Dielectric Withstanding Voltage:** 500V AC for 1 minute without breakdown or flashover.
---
### 3. Mechanical & Material Construction
The "F44" designation indicates a 44-position layout, while the suffixing describes the orientation and lead-free status.
* **Housing:** High-temperature Thermoplastic (UL94V-0 rated), usually LCP (Liquid Crystal Polymer) to withstand lead-free reflow soldering.
* **Contacts:** Copper alloy (e.g., Phosphor Bronze) for durability and elasticity.
* **Mating Cycles:** Designed for approximately 50 to 100 mating cycles.
* **R/F Designation:**
* **R:** Right Angle orientation (connector sits 90 degrees to the PCB).
* **F:** Frequently denotes "Lead-Free" (RoHS Compliant) or a specific Flange/Fixing style for mechanical stability.
---
### 4. Common Applications
Due to its high pin density and reliability, the M8YV-F44-R/F is found in:
1. **Industrial Controllers:** Connecting daughterboards to backplanes.
2. **Imaging Systems:** Transmitting sensor data in medical scanners.
3. **Networking Hardware:** Internal high-speed signal routing in routers/switches.
---
- ⤷
What is the exact pitch (spacing between pins) for the M8YV-F44-R/F?
- ⤷ Is there a recommended mating plug or cable assembly for this specific receptacle?
- ⤷ Does this connector support high-speed data protocols like PCIe or USB 3.0?