AI

Based on the part number **M8YV-C4W4W-R**, this follows the standard nomenclature for the **M8 series** of circular industrial connectors, specifically those manufactured by companies like **TE Connectivity**, **Molex**, or **Phoenix Contact** (often associated with sensor/actuator cabling).
Below is a breakdown of the electronic and mechanical specifications typical for this part code.
---
### 1. Part Number Specification Table
| Segment | Component Feature | Description |
| :--- | :--- | :--- |
| **M8** | Connector Size | Metric 8mm thread diameter (M8). |
| **YV** | Coding/Type | Often indicates **Y-splitter** or specific **PVC** jacket material. |
| **C4** | Pin Count | **4-Pin** configuration (Standard for sensors). |
| **W4W** | Orientation | Angled (Right-angle) male/female connectors on both ends. |
| **R** | Special Feature | Often denotes **RoHS compliance** or **Right-angle** housing. |
---
### 2. Key Electronic Characteristics
* **Current Rating:** Typically **3A to 4A** per contact.
* **Voltage Rating:** Usually **30V to 60V AC/DC** (Standard for M8 4-pin).
* **Insulation Resistance:** $\geq 100\,M\Omega$.
* **Contact Resistance:** $\leq 5\,m\Omega$.
* **Shielding:** Generally unshielded (unless specified by an "S" suffix), suitable for standard I/O signals.
---
### 3. Mechanical & Environmental Features
1. **Ingress Protection (IP Rating):** Designed to meet **IP67** or **IP68** standards, making it waterproof and dust-tight when properly mated.
2. **Coupling Mechanism:** Threaded nut (M8 x 1.0) providing high vibration resistance.
3. **Cable Jacket (V):** The "V" in the code typically signifies **PVC (Polyvinyl Chloride)**, which is ideal for static applications with medium mechanical stress and resistance to chemicals.
4. **Temperature Range:** $-25^\circ C$ to $+85^\circ C$.
---
### 4. Typical Applications
* **Industrial Automation:** Connecting proximity sensors, photoelectric switches, and limit switches.
* **Robotics:** End-of-arm tooling where space is limited.
* **PLCs:** Signal transmission between the controller and field devices.
---
- ⤷
What is the specific wiring pinout for an M8 4-pin connector?
- ⤷ How does PVC cabling compare to PUR for industrial M8 connectors?
- ⤷ Is this part compatible with M12 systems using an adapter?