M8YV-C44-R/Q
AI

Based on the part number **M8YV-C44-R/Q**, this component belongs to the **M8 Series** of industrial circular connectors, typically used for sensor and actuator connectivity in automation environments.
Below is a detailed breakdown of the electronic and mechanical specifications for this specific configuration.
---
### 1. Technical Specifications
The "M8" designation refers to the 8mm metric locking thread. This specific variant is often a 4-pole (4-pin) connector.
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | M8 Circular Connector |
| **Gender** | Male (Plug) or Female (Socket) - Depending on manufacturer suffix |
| **Number of Poles** | 4-Pin |
| **Current Rating** | 3A to 4A (Standard for M8) |
| **Voltage Rating** | 30V AC / 60V DC |
| **Contact Resistance** | ≤ 5 mΩ |
| **Insulation Resistance** | ≥ 100 MΩ |
| **IP Rating** | IP67 (Dust tight and water immersion) |
---
### 2. Part Number Breakdown
While naming conventions can vary slightly between manufacturers (like OMRON, Phoenix Contact, or TE), the code generally follows this logic:
* **M8**: Indicates the 8mm thread diameter.
* **YV**: Often denotes the cable material (usually **PVC** - Polyvinyl Chloride) or a specific "Y-type" distribution if applicable.
* **C44**:
* **4**: 4-wire/4-pin configuration.
* **4**: Length indicator (often 0.4m or 4m depending on the series).
* **R/Q**:
* **R**: Robot-grade cable (High flexibility/torsion resistant).
* **Q**: Quick-lock or specific orientation/shielding feature.
---
### 3. Internal Wiring (Standard Color Code)
For a 4-pin M8 connector, the electronic signals are typically assigned according to the **IEC 61076-2-104** standard:
| Pin Number | Wire Color | Typical Function |
| :--- | :--- | :--- |
| 1 | Brown | Positive (+) Power Supply |
| 2 | White | Secondary Signal / NC / Analog |
| 3 | Blue | Negative (-) Power Supply |
| 4 | Black | Primary Signal / Digital Out (PNP/NPN) |
---
### 4. Application Areas
* **Sensors:** Inductive, capacitive, and photoelectric sensors.
* **Actuators:** Small solenoid valves and motor feedback.
* **Robotics:** The "R" rating suggests it is designed for use in cable tracks or robotic arms where repetitive bending occurs.
* **Factory Automation:** Small-footprint IO-Link devices.
---
- ⤷What is the specific manufacturer for the M8YV series?
- ⤷ What is the difference between PVC and PUR cable jackets for this part?
- ⤷ How does the 'R' rating impact the bend radius of the cable?