M8YV-4W44-R/F
AI

The part number **M8YV-4W44-R/F** belongs to the **M8 Series** of industrial circular connectors, typically manufactured by companies like **Hirose (HRS)** or specialized industrial sensor cable providers. These connectors are primarily used for sensor/actuator connections in automation.
---
### 1. Technical Specification Breakdown
The alphanumeric code describes the physical and electrical characteristics of the connector:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **M8** | Connector Size | Metric 8mm thread diameter (Standard size). |
| **YV** | Coupling Type | Often denotes a specialized locking or Y-junction variant. |
| **4W** | Wire/Pin Count | 4-Wire (4-Pole) configuration. |
| **44** | Contact Mapping | Standard pin-to-pin wiring (Straight through). |
| **R/F** | Gender/Form | **R** usually denotes Right-Angle; **F** denotes Female (Socket). |
---
### 2. Electrical Characteristics
These parts are designed for low-voltage signal transmission in harsh environments.
* **Rated Voltage:** Typically 30V to 60V AC/DC.
* **Rated Current:** Usually 3A to 4A per contact.
* **Contact Resistance:** < 10 mΩ.
* **Insulation Resistance:** > 100 MΩ.
* **IP Rating:** Generally **IP67** (dust-tight and protected against water immersion).
---
### 3. Physical Construction
* **Housing Material:** Typically TPU (Thermoplastic Polyurethane) or PBT.
* **Contact Material:** Brass or Phosphor Bronze with **Gold Plating** to prevent oxidation.
* **Coupling Nut:** Nickel-plated brass or stainless steel for corrosion resistance.
* **Cable Jacket:** Often PUR (Polyurethane) or PVC, depending on the specific sub-model (R/F versions often use PUR for high-flex applications).
---
### 4. Common Applications
These electronic parts are critical components in the following sectors:
1. **Factory Automation:** Connecting Proximity Sensors, Photoelectric Cells, and Limit Switches.
2. **Robotics:** End-of-arm tooling where compact, right-angled (R) connectors save space.
3. **Data Acquisition:** Connecting I/O modules to PLC (Programmable Logic Controller) systems.
---
### 5. Pinout Configuration (Standard 4-Pole)
Most M8 4-pin connectors follow this standard industrial wiring:
```text
Pin 1: Brown (+) 24V DC
Pin 2: White (I/O) Reserved/Signal 2
Pin 3: Blue (-) 0V / Common
Pin 4: Black (OUT) Switching Signal 1
```
- ⤷
What is the exact datasheet for the Hirose M8YV series?
- ⤷ Can this connector be used in high-temperature environments?
- ⤷ How does the 'R/F' designation affect the mounting footprint?