M8XT3-1V2Z1-R
AI

The **M8XT3-1V2Z1-R** is a high-performance, shielded power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the **M8XT series**, which is specifically designed for high-density, automotive, and industrial power conversion applications.
---
### 1. Key Technical Specifications
The part number follows a specific nomenclature that defines its electrical and physical characteristics.
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 1.2 µH (Microhenries) |
| **Current Rating (Irms)** | Approximately 18A - 22A (typical for this footprint) |
| **Saturation Current (Isat)** | High (designed to handle peaks without core saturation) |
| **DCR (DC Resistance)** | Ultra-low (typically < 3.5 mΩ) to minimize power loss |
| **Operating Temperature** | -40°C to +125°C or +150°C (Automotive Grade) |
| **Package / Case** | Surface Mount (SMD) - Shielded Construction |
---
### 2. Physical and Material Construction
* **Magnetic Shielding:** The component is magnetically shielded. This is critical for preventing Electromagnetic Interference (EMI) from affecting neighboring components on a dense PCB.
* **Core Material:** Usually utilizes a composite powdered iron or metal alloy core, which provides soft saturation characteristics and stable performance over temperature fluctuations.
* **Terminations:** RoHS compliant, lead-free tin plating over copper.
---
### 3. Application Use Cases
This specific inductor is typically used in **DC-DC Converters** and **Voltage Regulator Modules (VRMs)**.
* **Automotive Electronics:** Infotainment systems, Advanced Driver Assistance Systems (ADAS), and body electronics.
* **Computing:** High-current power supplies for CPUs and GPUs in servers or industrial PCs.
* **Industrial:** Point-of-Load (POL) converters and high-efficiency motor controllers.
---
### 4. Part Number Breakdown (Generic Eaton/M8XT Logic)
* **M8XT:** Series Identifier (Designates physical size and core material technology).
* **3:** Profile/Height code.
* **1V2:** Nominal Inductance value (1.2 µH).
* **Z1:** Internal factory/material revision code.
* **-R:** RoHS compliant indicator.
---
- ⤷What are the exact dimensions (footprint) of the M8XT3 series?
- ⤷ How does the saturation current of this model compare to the M8XT2 series?
- ⤷ Is the M8XT3-1V2Z1-R qualified for AEC-Q200 automotive standards?