công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8XT3-1V2V2-R

  • AI
    The **M8XT3-1V2V2-R** is a high-performance, multi-rail DC-DC power module (often categorized as a Point-of-Load or POL regulator). These components are designed to simplify power tree designs by providing multiple regulated voltages from a single input source within a compact footprint. --- ### 1. Key Technical Specifications The part number typically decodes into specific voltage rails and current ratings. Below is a generalized technical profile for this series: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | Typically 4.5V to 14V DC | | **Output Rail 1** | 1.2V (High Current) | | **Output Rail 2** | 1.2V (High Current) | | **Configuration** | Dual-channel / Multi-rail | | **Efficiency** | Up to 90-95% depending on load | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Control Interface** | Often includes PMBus or I2C for monitoring | --- ### 2. Core Internal Components The M8XT3 series is an **integrated module**, meaning it combines several discrete electronic parts into one package to save PCB space and reduce EMI: 1. **PWM Controller:** The "brain" that regulates the duty cycle to maintain stable output voltages despite input fluctuations. 2. **Power MOSFETs:** High-speed switches (typically Gallium Nitride or advanced Silicon) that handle the power conversion. 3. **Inductors:** Integrated magnetic components that store energy during the switching cycle. 4. **Feedback Network:** Precision resistors and error amplifiers that ensure the output stays exactly at 1.2V. --- ### 3. Pinout and Integration When designing a PCB for this part, the following pins are critical: * **VIN:** Primary power input. * **VOUT1 / VOUT2:** The regulated 1.2V outputs. * **ENABLE (EN):** Digital logic pin to turn the module on or off. * **PGOOD:** Power Good signal used for sequencing multiple chips. * **SYNC:** Used to synchronize the switching frequency with other power modules to prevent beat-frequency interference. --- ### 4. Applications This part is commonly found in high-compute environments where low-voltage, high-stability power is required: * **FPGA Powering:** Providing core voltage (VCCINT) for Xilinx or Intel FPGAs. * **ASICs:** Powering specialized processors in networking gear. * **Data Centers:** High-density server blades and storage arrays. --- ### 5. Implementation Example (Schematic Logic) In a typical circuit, the connection would look like this: ```markdown [Input 12V] ----> [M8XT3 Module] ----> [Output A: 1.2V @ 30A] | -----------> [Output B: 1.2V @ 30A] | [Microcontroller] <--- [PGOOD] (Status Monitoring) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current per rail for this specific module?
    • ⤷ Does this module require external output capacitors for stability?
    • ⤷ What are the thermal management requirements for the M8XT3 series?