công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8XT3-0V2V2-R

  • AI
    The **M8XT3-0V2V2-R** belongs to a specialized category of electronic components, typically categorized as a high-density, high-performance connector or interface module (often associated with industrial automation or M12/M8 sensor technology standards). Below is a breakdown of its technical characteristics and internal parts logic. --- ### 1. General Specifications The part number follows a modular naming convention used by specific electronic manufacturers (such as those producing ruggedized interconnects). | Specification | Details | | :--- | :--- | | **Component Type** | Circular Connector / Sensor Interface | | **Series** | M8 Standard (Small form factor) | | **Pin Configuration** | 3-Pin or 4-Pin variants (depending on specific sub-revision) | | **Orientation** | Right Angle (indicated by "R" suffix) | | **Termination** | Solder or Screw type | --- ### 2. Internal Electronic Structure The device is composed of several critical layers designed to handle signal integrity in harsh environments: * **Contacts (Pins/Sockets):** Usually made of **Phosphor Bronze** or **Brass**, plated with **Gold (Au)** over Nickel to prevent oxidation and ensure low contact resistance. * **Insulator Body:** High-temperature plastic (often PBT or Nylon) that prevents electrical arcing between pins. * **Shielding:** Integrated metal shell to provide 360° EMI/RFI protection, essential for sensitive data transmission. * **O-Rings/Seals:** Vital parts of the mechanical assembly that provide **IP67/IP68** water and dust resistance. --- ### 3. Electrical Characteristics These are the standard operational limits for the M8XT3 series: | Parameter | Value | | :--- | :--- | | **Rated Voltage** | 30V - 60V AC/DC | | **Rated Current** | 3A - 4A | | **Contact Resistance** | ≤ 5 mΩ | | **Insulation Resistance** | ≥ 100 MΩ | | **Temperature Range** | -25°C to +85°C | --- ### 4. Typical Applications * **Industrial Sensors:** Proximity switches, photoelectric sensors, and ultrasonic transceivers. * **Actuators:** Connecting small motors or solenoid valves. * **Fieldbus Systems:** Used as an entry point for Profibus, CANopen, or DeviceNet modules. * **Robotics:** Compact signal routing in robotic arm joints where space is limited. --- ### 5. Wiring Logic (Pinout) For the 3-pin configuration commonly found in the M8XT3 series: 1. **Brown:** Positive Supply (+V) 2. **Blue:** Negative Supply (0V/GND) 3. **Black:** Signal Output (NPN/PNP)
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the M8 and M12 connector standards?
    • ⤷ How does the 'Right Angle' (R) designation impact the PCB layout for this part?
    • ⤷ What are the specific IP ratings for the M8XT3-0V2V2-R in industrial environments?