công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8XT2-3V2Z1-R/Q

  • AI
    The part number **M8XT2-3V2Z1-R/Q** typically refers to a specialized automotive or high-reliability grade **Crystal Oscillator** or **Resonator** assembly, often produced by manufacturers like TXC or similar frequency control specialists. Below is the technical breakdown of the electronic components and specifications associated with this part series. --- ### 1. Technical Specifications This component is designed for precise timing in embedded systems. While specific suffixes can vary by manufacturer, the core attributes for this series are as follows: | Feature | Specification | | :--- | :--- | | **Component Type** | Quartz Crystal / Surface Mount Device (SMD) | | **Frequency Range** | Typically 8.000 MHz to 50.000 MHz | | **Load Capacitance** | 8pF to 12pF (Standard) | | **Frequency Tolerance** | ±10 ppm to ±30 ppm | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | | **Package Size** | 3.2 x 2.5 mm or 2.0 x 1.6 mm | --- ### 2. Part Number Breakdown (Decryption) Electronic part numbers are alphanumeric codes where each segment represents a physical or electrical characteristic: * **M8XT2**: The series identifier. "M" often denotes a Metal seam weld package; "8" may refer to the frequency base or generation. * **3V2**: Usually indicates the **Operating Voltage** (e.g., 3.2V or 3.3V nominal) or the specific package dimensions (3.2mm length). * **Z1**: Refers to the **Stability/Temperature code**. "Z" often represents an extended temperature range suitable for automotive under-the-hood applications. * **-R/Q**: * **R**: Tape and Reel packaging. * **Q**: **AEC-Q200 Qualified** (Automotive Electronics Council standard for stress resistance). --- ### 3. Key Electronic Characteristics #### A. AEC-Q200 Compliance The "/Q" suffix is critical. It signifies that the part has passed rigorous testing for: * **Thermal Shock:** Resilience against rapid temperature changes. * **Mechanical Vibration:** Ability to maintain frequency stability despite engine or road vibrations. * **Moisture Resistance:** Protection against humidity in non-climate-controlled environments. #### B. Low ESR (Equivalent Series Resistance) These parts are engineered with low ESR to ensure "fast start-up" times for microcontrollers (MCUs). This is vital for automotive ECUs (Engine Control Units) that must initialize immediately when the ignition is turned. #### C. Drive Level The internal quartz blank is designed to handle specific microwatt ($\mu W$) levels. Overdriving these parts can lead to frequency aging or physical fracture of the crystal. --- ### 4. Typical Applications * **ADAS (Advanced Driver Assistance Systems):** Radar and camera timing. * **Infotainment:** Synchronizing high-speed data for displays. * **Body Control Modules:** Managing door locks, lighting, and windows. * **Industrial Automation:** Used in PLC systems requiring high heat tolerance.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency value for the M8XT2-3V2Z1-R/Q variant?
    • ⤷ How does AEC-Q200 qualification differ from standard industrial grading?
    • ⤷ What are the recommended load capacitor values for this crystal?