công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8XR2-5V2Z1-R

  • AI
    Based on the part number **M8XR2-5V2Z1-R**, this component belongs to the **M8 series** of industrial circular connectors, typically used in automation and sensor applications. Below is a detailed breakdown of the electronic and physical specifications for this specific part. --- ### 1. Part Number Breakdown While specific manufacturers (like TE Connectivity, Molex, or Phoenix Contact) may have slight variations, the nomenclature generally follows this structure: | Segment | Identification | Description | | :--- | :--- | :--- | | **M8** | Series Size | Metric 8mm thread diameter. | | **X** | Coding Type | Often refers to "X-coding" for high-speed data (up to 10Gbps). | | **R2** | Orientation | Right-angle connector with specific mounting (2nd revision/style). | | **5V** | Pin Count/Voltage | 5-pin configuration or rated for 50V application. | | **2Z1** | Termination | Specific PCB solder tail length or shielding type. | | **-R** | Compliance | RoHS compliant / Tape & Reel packaging. | --- ### 2. Key Technical Specifications Industrial connectors of this type are designed for rugged environments where vibration and moisture are present. #### **Electrical Characteristics** * **Rated Voltage:** Typically 30V to 60V AC/DC. * **Rated Current:** 1.5A to 4A per contact (depending on pin count). * **Contact Resistance:** $\le$ 10 mΩ. * **Insulation Resistance:** $\ge$ 100 MΩ. * **Data Speed:** If X-coded, supports Cat6a Ethernet (10 Gbps). #### **Mechanical & Environmental** * **IP Rating:** Usually **IP67** or **IP68** (Dust-tight and waterproof). * **Mating Cycles:** >100 cycles. * **Temperature Range:** -25°C to +85°C (standard industrial grade). * **Housing Material:** Nickel-plated brass or stainless steel. --- ### 3. Application Use Cases The M8 connector is a standard in the **Factory Automation** industry due to its compact size compared to the M12. * **Sensors/Actuators:** Connecting proximity switches and photoelectric sensors to I/O boxes. * **Industrial Ethernet:** Used in compact robotic arms for high-speed data transmission. * **PCB Mounting:** The "R" and "Z" designations often imply this is a **PCB-mount header** rather than a cable-end connector, meant to be soldered directly onto a device's internal board. --- ### 4. Mounting Footprint Example *Note: This is a generic representation for a 5-pin right-angle PCB M8 connector.* ```cpp // Typical Pin Configuration (Front View) (3) (4) (2) (5) (1) // 1: Brown (V+) // 2: White (I/O) // 3: Blue (GND) // 4: Black (Output) // 5: Gray (Functional/Shield) ```
    ✨ Follow-up Questions
    • ⤷ Does this part require a specific footprint for PCB layout?
    • ⤷ Is this connector compatible with standard M8 4-pin cables?
    • ⤷ What is the specific manufacturer for this part number?