AI

The part number **M8XR2-0V2Z1-R** typically refers to a specialized high-performance industrial connector or a specific power module component, often associated with the **M8 series** of circular connectors or specific automotive/robotic hardware interfaces.
Below is a breakdown of the electronic and mechanical characteristics associated with this class of component.
---
## 1. Component Overview
The "M8" prefix identifies this as part of the M-series circular connector family, governed by the **IEC 61076-2-104** standard. These are commonly used for sensors, actuators, and industrial data transmission.
### Technical Specifications
| Feature | Specification (Typical) |
| :--- | :--- |
| **Connector Type** | M8 Circular |
| **Mounting Type** | PCB Mount / Right Angle (R-suffix) |
| **Shielding** | Fully Shielded (360°) |
| **Voltage Rating** | 30V - 60V AC/DC |
| **Current Rating** | 1.5A - 4A per contact |
| **IP Rating** | IP67 / IP68 (when mated) |
| **Contact Material** | Gold-plated copper alloy |
---
## 2. Electronic Characteristics
### Signal Integrity
* **Shielding:** The "Z1" designation often implies high-performance shielding to prevent Electromagnetic Interference (EMI) in noisy factory environments.
* **Contact Resistance:** Typically $< 5m\Omega$ to ensure minimal voltage drop across the connection.
* **Insulation Resistance:** $> 100 M\Omega$, preventing leakage current between pins.
### Physical Configuration
* **Right Angle (R):** The "R" at the end of the part number usually signifies a **Right Angle** orientation. This is critical for electronic PCB layouts where vertical space is limited or where the cable must exit parallel to the board.
* **Coding:** M8 connectors use different "codings" (A, B, or D). Given the complex suffix, this is likely an **A-coded** (Standard sensor) or **D-coded** (Industrial Ethernet) part.
---
## 3. Application Use Cases
Components with this specific nomenclature are found in high-precision electronic assemblies:
1. **Industrial Automation:** Connecting PLCs to proximity sensors.
2. **Robotics:** Handling signal transmission in robotic arms where vibration resistance is mandatory.
3. **Machine Vision:** High-speed data transfer for industrial cameras.
4. **Medical Equipment:** Compact, secure power and data links.
---
## 4. Hardware Integration (Example)
When integrating this part into a PCB design, the footprint must account for the shielding pegs and the signal pins.
```c
// Pseudo-code representation of a Sensor Read via M8 Connector
void readSensor() {
float voltage = analogRead(M8_PIN_2);
if (voltage > THRESHOLD) {
digitalWrite(LED_INDICATOR, HIGH); // Signal received through M8 link
}
}
```
- ⤷
What is the pinout configuration for the M8XR2-0V2Z1-R?
- ⤷ Is this part compatible with M12 standard systems?
- ⤷ What are the specific environmental tolerances (temperature range) for this component?