công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8TS-144-R

  • AI
    ## M8TS-144-R Electronic Component Overview The **M8TS-144-R** is a specific type of high-density connector, typically categorized under **High-Speed Mezzanine Connectors** or specialized **Edge Card/Backplane** interfaces. These parts are designed for high-performance computing, networking, and data storage systems where signal integrity and space efficiency are critical. --- ### 1. General Specifications While specific parameters can vary by manufacturer (often associated with brands like **Samtec** or specialized industrial suppliers), the "144" typically denotes the **pin count**. | Feature | Specification Details | | :--- | :--- | | **Pin Count** | 144 Positions | | **Pitch** | Typically 0.5mm or 0.8mm (Micro-pitch) | | **Orientation** | Right-Angle (R suffix) | | **Mounting Type** | Surface Mount (SMT) | | **Data Rate** | Supports High-Speed (Multi-Gbps) protocols | --- ### 2. Key Electronic Characteristics The "Electronic Parts" within this connector assembly refer to the physical contact materials and the dielectric housing that govern its electrical performance. * **Contact Material:** Usually a Copper Alloy (Phosphor Bronze or Beryllium Copper) for high conductivity and durability. * **Plating:** Typically features **Gold plating** on the contact area to prevent oxidation and ensure low contact resistance over multiple mating cycles. * **Impedance Matching:** Designed to maintain a specific differential impedance (often 100 $\Omega$) to minimize signal reflection and EMI (Electromagnetic Interference). * **Current Rating:** generally low per pin (approx. 0.5A to 1.0A), as these are primarily signal-carrying components rather than power delivery components. --- ### 3. Structural Design (The "R" Suffix) The **"R"** in the part number almost always stands for **Right-Angle**. * **Form Factor:** The connector is mounted so that the daughter card or cable enters parallel to the main PCB. * **Mechanical Stability:** Often includes "Solder Tabs" or "Hold-down" posts to ensure the connector does not rip off the PCB during insertion or removal. --- ### 4. Typical Applications These parts are commonly found in: 1. **Server Blades:** Connecting CPU boards to memory expansion or I/O modules. 2. **FPGA Development Boards:** Providing high-speed breakout for mezzanine cards (FMC). 3. **Industrial Imaging:** High-bandwidth data transfer from sensors to processing units. 4. **Telecommunications:** Base station line cards. ---
    ✨ Follow-up Questions
    • ⤷ What is the standard mating height for the M8TS series?
    • ⤷ Is the M8TS-144-R compatible with PCIe 4.0 or 5.0 signal standards?
    • ⤷ Does this connector require specific PCB footprint landing patterns for grounding?