công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8TS-066-R

  • AI
    The **M8TS-066-R** belongs to the **M8TS series**, which is a specialized line of surface-mount (SMT) tact switches. These components are primarily used in high-density electronic circuits where vertical space is limited. --- ### 1. Technical Specifications The following table summarizes the key electrical and mechanical properties of the M8TS-066-R: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount (SMT/SMD) | | **Actuator Height** | 0.66mm (Ultra-low profile) | | **Operating Force** | 160 gf to 240 gf (Typical) | | **Electrical Life** | 100,000 to 200,000 cycles | | **Voltage Rating** | 12V DC | | **Current Rating** | 50mA | | **Contact Resistance** | < 100mΩ | --- ### 2. Key Internal Components The "electronic parts" within this tiny switch assembly consist of: 1. **Metal Dome (Contact Diaphragm):** The heart of the switch. It provides the "click" sensation (tactile feedback) and completes the electrical circuit when pressed. 2. **Base (Housing):** Usually made of High-Temperature Thermoplastic (LCP) to withstand reflow soldering temperatures. 3. **Cover/Frame:** A stainless steel or nickel-plated cover that secures the internal dome and actuator. 4. **Terminals:** Copper alloy pins (often silver or gold plated) that extend out for SMT soldering to the PCB. 5. **Actuator (Stem):** The physical point of contact that the user or an external button presses down on. --- ### 3. Application Use Cases Due to its **ultra-low profile (0.66mm height)**, this part is ideal for: * **Wearables:** Smartwatches and fitness trackers. * **Mobile Devices:** Side buttons for smartphones or tablets. * **Medical Electronics:** Compact diagnostic tools and hearing aids. * **IoT Modules:** Reset buttons on miniature sensor boards. --- ### 4. Circuit Diagram Representation In an electronic schematic, the M8TS-066-R is represented as a normally open (NO) momentary switch: ```text [ Terminal 1 ] ----/ ---- [ Terminal 2 ] (Push) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature requirements for the M8TS-066-R?
    • ⤷ Are there waterproof or IP-rated versions of the M8TS series?
    • ⤷ How does the 0.66mm height compare to standard tactile switches in terms of durability?