AI

Based on the part number **M8S72TAJ-R**, this component is a high-performance **eMMC (embedded MultiMediaCard)** storage module, typically manufactured by **SK hynix**. These components are widely used in smartphones, tablets, and automotive infotainment systems for non-volatile data storage.
---
### 1. Key Technical Specifications
The "M8" series generally refers to the eMMC 5.1 standard interface, which balances speed and reliability.
| Feature | Specification |
| :--- | :--- |
| **Interface** | eMMC 5.1 |
| **Capacity** | 32GB (Standard for this series prefix) |
| **Package Type** | FBGA (Fine-pitch Ball Grid Array) |
| **Voltage (Core)** | 1.70V - 1.95V (Vccq) / 2.7V - 3.6V (Vcc) |
| **Temperature Range** | Industrial/Standard (-25°C to +85°C) |
| **Compliance** | JEDEC Standard compliant |
---
### 2. Architecture and Internal Components
The M8S72TAJ-R is a "managed" NAND solution, meaning it contains two primary internal sections:
1. **NAND Flash Die:** The raw storage area where data is physically written. It typically utilizes MLC (Multi-Level Cell) or TLC (Triple-Level Cell) technology.
2. **Embedded Controller:** This is the "brain" of the chip. It handles complex flash management tasks including:
* **Wear Leveling:** Ensuring all flash cells wear out evenly.
* **Bad Block Management:** Mapping out defective sectors.
* **Error Correction Code (ECC):** Fixing data corruption on the fly.
* **Garbage Collection:** Optimizing free space for write performance.
---
### 3. Pinout and Physical Characteristics
The "AJ" in the suffix usually denotes the specific ball map configuration.
* **BGA 153:** This chip typically uses a 153-ball layout, which is the industry standard for eMMC.
* **Dimensions:** Roughly 11.5mm x 13mm, though thin-profile versions exist.
* **Data Bus:** Supports 1-bit, 4-bit, or 8-bit data bus widths, allowing for high-speed data transfer (HS400 mode).
---
### 4. Common Applications
Due to its integrated controller, it is easier for engineers to implement than raw NAND.
* **Smart TVs:** Storing the OS and apps.
* **IoT Gateways:** Buffering data before sending it to the cloud.
* **Set-Top Boxes:** Fast booting and firmware storage.
* **Automotive:** Dash-cams or GPS navigation maps (if automotive-grade).
---
- ⤷
What are the read/write speeds for the HS400 mode in this eMMC?
- ⤷ How does eMMC 5.1 compare to UFS storage in terms of performance?
- ⤷ What is the specific storage capacity associated with the 'S72' density code?