công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8S68TAJ-R

  • AI
    The **M8S68TAJ-R** is a specific electronic component, primarily identified as a **High-Speed Magnetic Coupler (Isolator)** or a specialized **Ethernet Transformer Module**, commonly used in networking hardware and industrial communication interfaces. --- ### 1. Key Technical Specifications Based on standard industry datasheets for this part series, the following parameters typically define its performance: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Magnetic Isolation Transformer / LAN Filter | | **Application** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Turns Ratio** | 1:1 (Typical for data lines) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Functional Electronic Parts Inside the M8S68TAJ-R housing, there are several sub-components working together to ensure signal integrity: 1. **Toroidal Ferrite Cores:** Small "donuts" made of magnetic material. Copper wires are wound around these to create the transformer effect. 2. **Common Mode Chokes (CMC):** These are included to suppress Electromagnetic Interference (EMI) and noise that could interfere with data transmission. 3. **Winding Wires:** High-purity copper wires with specialized insulation to prevent short-circuiting while maintaining high-speed signal throughput. 4. **Encapsulation Resin:** A protective epoxy or plastic mold that shields the internal delicate windings from moisture and physical vibration. --- ### 3. Primary Functions in a Circuit The M8S68TAJ-R serves three critical roles when placed between an Ethernet Controller (PHY) and the RJ45 connector: * **Galvanic Isolation:** It protects the delicate circuitry of the device (like a router or PC) from high-voltage spikes or "ground loops" occurring on the network cable. * **Impedance Matching:** It ensures that the signal impedance of the cable matches the internal hardware, preventing signal reflections that cause data errors. * **Noise Filtering:** It acts as a low-pass filter, allowing high-speed data to pass through while blocking high-frequency electrical noise. --- ### 4. Common Applications * **Networking Gear:** Switches, routers, and hubs. * **Industrial Automation:** PLCs (Programmable Logic Controllers) and industrial Ethernet gateways. * **IoT Devices:** Smart appliances requiring a wired internet connection.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the M8S68TAJ-R?
    • ⤷ How does this component differ from a standard RJ45 integrated magnetics jack?
    • ⤷ What are the recommended soldering profiles for this SMT part?