M8S55TAJ-R
AI

The **M8S55TAJ-R** is a specific surface-mount electronic component, typically categorized as a **crystal oscillator** or a **TCXO (Temperature Compensated Crystal Oscillator)** manufactured by companies like **Kyocera** or specialized timing component vendors.
Below is a breakdown of its technical characteristics and electronic properties.
---
### 1. General Specifications
Based on the standard nomenclature for this part series, the primary specifications are as follows:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Type** | Crystal Oscillator (SMD) |
| **Frequency** | Varies by sub-model (Commonly in the MHz range) |
| **Package Size** | Miniature SMD (e.g., 2.0 x 1.6 mm or 2.5 x 2.0 mm) |
| **Operating Voltage** | 1.8V to 3.3V DC |
| **Output Type** | CMOS / Clipped Sine Wave |
| **RoHS Status** | Compliant (Lead-Free) |
### 2. Key Internal Components
The M8S55TAJ-R consists of several critical electronic sub-parts integrated into a single ceramic package:
* **Quartz Blank:** The high-precision heart of the unit that vibrates at a specific frequency when voltage is applied (Piezoelectric effect).
* **Oscillator IC:** An integrated circuit that drives the crystal and stabilizes the output waveform.
* **Temperature Compensation Circuit:** (If TCXO) Includes a thermistor and compensation network to keep the frequency stable even as the ambient temperature changes.
* **Gold-Plated Pads:** Four to six contact points on the bottom for soldering to a PCB (Printed Circuit Board).
### 3. Pinout Configuration
Standard 4-pin configuration for this series:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | OE or NC | Output Enable (Active High) or No Connection |
| **2** | GND | Ground |
| **3** | Output | Frequency Signal Output |
| **4** | Vcc | Power Supply Voltage |
---
### 4. Technical Advantages
* **Low Phase Noise:** Essential for high-speed data communication and wireless signals (GPS, Bluetooth, Wi-Fi).
* **Miniaturization:** Designed for high-density mobile devices and IoT sensors.
* **Frequency Stability:** The "TAJ" suffix often denotes specific tolerance levels (e.g., ±0.5ppm or ±2.0ppm) across a wide temperature range.
### 5. Common Applications
This part is frequently found in:
* **Mobile Communication:** Smartphones and tablets.
* **Navigation:** GPS/GNSS receivers.
* **IoT Devices:** Wearables and smart home sensors.
* **Networking:** Small cells and wireless infrastructure.
- ⤷What is the exact frequency of the M8S55TAJ-R in my specific circuit?
- ⤷ How do I calculate the load capacitance for this oscillator?
- ⤷ What are the soldering profile requirements for this SMD package?