công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8S51TCJ-R

  • AI
    The **M8S51TCJ-R** is a high-performance 8-bit microcontroller (MCU) based on the standard 8051 architecture. It is designed for low-power applications that require robust input/output capabilities and integrated analog peripherals. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | Enhanced 8051 Core (1T/2T architecture) | | **Operating Voltage** | 2.4V to 5.5V | | **Max Clock Speed** | Up to 24 MHz (Internal RC) | | **Flash Memory** | 16 KB - 32 KB (depending on sub-series) | | **SRAM** | 2 KB | | **Package Type** | TSSOP20 / QFN20 | | **Operating Temp** | -40°C to +105°C | --- ### 2. Core Functional Blocks #### A. Central Processing Unit (CPU) The device utilizes an enhanced 8051 core. Unlike traditional 8051s that take 12 clock cycles per instruction, this core operates significantly faster (often 1 or 2 cycles), providing higher MIPS (Millions of Instructions Per Second) at the same clock frequency. #### B. Memory Architecture * **Flash ROM:** Used for storing the application code. It supports In-System Programming (ISP) and In-Application Programming (IAP). * **SRAM:** High-speed internal data storage for variables and stack. * **EEPROM:** Typically emulated within the Flash memory for non-volatile data storage (e.g., calibration settings). #### C. Peripheral Integration The M8S51TCJ-R is packed with analog and digital peripherals to reduce external component count: * **ADC:** 12-bit Analog-to-Digital Converter with multiple channels. * **PWM:** Advanced Pulse Width Modulation timers for motor control or LED dimming. * **Communication:** UART (Serial), SPI, and I2C interfaces. * **Timers:** Standard 16-bit timers and a Watchdog Timer (WDT) for system reliability. --- ### 3. Pinout and Hardware Considerations When designing a PCB for the M8S51TCJ-R, pay attention to these physical characteristics: 1. **VCC/GND:** Place decoupling capacitors (0.1µF) as close as possible to these pins to filter high-frequency noise. 2. **Reset Pin:** Usually includes an internal pull-up resistor, but an external RC circuit is recommended for harsh EMI environments. 3. **GPIO:** The pins are multi-functional; a single pin might serve as a digital I/O, an ADC input, or a PWM output depending on the software configuration. --- ### 4. Typical Applications * **Consumer Electronics:** Remote cleansers, small kitchen appliances. * **Industrial Control:** Sensor nodes, simple motor controllers. * **LED Lighting:** Smart bulbs and decorative lighting strips. * **PC Peripherals:** USB bridges or custom keyboard controllers. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific programming tools required for the M8S51TCJ-R?
    • ⤷ How does the power consumption of this MCU compare to standard 8051 chips?
    • ⤷ Can you provide a code snippet for initializing the UART on this device?