công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8S45TAJ-R

  • AI
    The **M8S45TAJ-R** is a specific part number belonging to a series of high-performance **Schottky Barrier Diodes (SBD)**, typically manufactured by companies like **PANJIT Semiconductor**. These components are widely used for power rectification and protection in compact electronic circuits. ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Schottky Barrier Rectifier | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 45 V | | **Maximum Average Forward Current ($I_{F(AV)}$)** | 8 A | | **Forward Voltage Drop ($V_F$)** | Low (typically ~0.50V - 0.55V) | | **Package Type** | Surface Mount (typically TO-252 / DPAK or similar) | | **Configuration** | Single Diode | --- ### 2. Core Electronic Features #### A. Low Forward Voltage Drop The "Schottky" design allows for a much lower voltage drop compared to standard silicon diodes (which are usually 0.7V - 1.1V). This results in: * Higher efficiency. * Reduced heat generation during operation. #### B. Fast Switching Speed Schottky diodes have negligible reverse recovery time ($t_{rr}$). This makes the M8S45TAJ-R ideal for high-frequency switching power supplies where traditional diodes would cause significant energy loss. #### C. Guard Ring Construction The internal structure usually includes a "guard ring" for transient protection, which helps the device handle high-voltage spikes and improves long-term reliability. --- ### 3. Common Applications The M8S45TAJ-R is designed for high-power, high-efficiency environments: * **DC-DC Converters:** Used as a freewheeling diode to maintain current flow when a switch is off. * **Polarity Protection:** Prevents damage to circuits if a battery or power supply is connected backwards. * **AC-DC Rectification:** Used in low-voltage secondary side rectification for SMPS (Switched-Mode Power Supplies). * **OR-ing Diodes:** Used in redundant power supply systems to combine multiple power rails. --- ### 4. Package & Thermal Management The **-R** suffix usually denotes **Tape and Reel** packaging for automated SMT (Surface Mount Technology) assembly. Because this diode handles up to 8 Amps, it is crucial to have: 1. **Large Copper Pads:** To act as a heatsink on the PCB. 2. **Thermal Vias:** To transfer heat to inner PCB layers.
    ✨ Follow-up Questions
    • ⤷ What is the exact package dimensions for the M8S45TAJ-R?
    • ⤷ How does the forward voltage drop change with temperature in this model?
    • ⤷ Can this diode be used in a bridge rectifier configuration?