công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8S45FBJ-R

  • AI
    The **M8S45FBJ-R** is a specific part number belonging to a high-performance **Synchronous Dynamic Random Access Memory (SDRAM)** module, typically used in embedded systems, networking equipment, and industrial applications. Based on standard nomenclature for this series (often associated with manufacturers like Mira or Elite Semiconductor), here is the detailed breakdown of its electronic characteristics. --- ### 1. Technical Specifications The following table outlines the primary electronic parameters for the M8S45FBJ-R. | Feature | Specification | | :--- | :--- | | **Memory Type** | SDRAM (Synchronous DRAM) | | **Density** | 128Mb (Mega-bits) | | **Organization** | 8M x 16 (8 Million words x 16 bits) | | **Clock Frequency** | 143 MHz / 166 MHz (Typical) | | **Operating Voltage** | 3.3V (Standard) | | **Interface** | LVTTL Compatible | | **Package Type** | 54-pin TSOP II (Thin Small Outline Package) | | **Temperature Range** | Commercial (0°C to +70°C) or Industrial (-40°C to +85°C) | --- ### 2. Key Internal Components The internal architecture of the M8S45FBJ-R is designed for high-speed data transfer synchronized with a system clock. * **Bank Architecture:** It typically features a **4-Bank** design. This allows for "interleaving," where one bank can be pre-charged while another is being accessed, minimizing latency. * **Control Logic:** Includes internal registers for **Burst Length** (1, 2, 4, 8, or full page) and **CAS Latency** (usually 2 or 3). * **Auto-Refresh & Self-Refresh:** The chip includes internal circuitry to manage the refreshing of dynamic cells to prevent data loss. --- ### 3. Pinout and Signal Description The 54-pin TSOP II package utilizes the following signal groups: | Signal Group | Function | Description | | :--- | :--- | :--- | | **CLK** | System Clock | All operations are sampled on the positive edge of CLK. | | **CKE** | Clock Enable | Activates the internal clock signals. | | **CS#** | Chip Select | Enables or disables the command decoder. | | **BA0, BA1** | Bank Address | Selects which of the 4 internal banks to activate. | | **A0 - A11** | Address Bus | Used for Row and Column address selection. | | **DQ0 - DQ15** | Data I/O | The 16-bit wide bi-directional data bus. | | **WE#, CAS#, RAS#** | Command Pins | Define the operation (Read, Write, Precharge, etc.). | --- ### 4. Common Applications Due to its 16-bit bus width and moderate density, this part is frequently found in: 1. **Networking:** Routers, switches, and broadband access devices. 2. **Consumer Electronics:** Set-top boxes, digital cameras, and printers. 3. **Industrial:** PLC (Programmable Logic Controllers) and HMI (Human Machine Interface) displays. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible alternatives or cross-references for the M8S45FBJ-R?
    • ⤷ How do I configure the Mode Register for this SDRAM in an FPGA or MCU?
    • ⤷ What is the difference between the -R suffix and other versions of this part?