M8S44TAJ-R
AI

The **M8S44TAJ-R** is an integrated circuit, specifically a **Static Random Access Memory (SRAM)** chip manufactured by **NETSOL**. This part is commonly used in high-speed networking, industrial automation, and embedded systems where low latency and reliable data storage are critical.
---
### 1. General Specifications
The following table outlines the primary technical parameters for this component:
| Parameter | Specification |
| :--- | :--- |
| **Memory Type** | SRAM (Synchronous) |
| **Density** | 4Mb (128K x 36 or 256K x 18) |
| **Interface** | QDR (Quad Data Rate) or Pipelined |
| **Voltage Supply** | 1.8V / 2.5V / 3.3V (Varies by sub-series) |
| **Package Type** | TQFP or FBGA |
| **Operating Temperature** | Commercial (0°C to 70°C) or Industrial (-40°C to 85°C) |
---
### 2. Functional Architecture
The M8S44TAJ-R belongs to the **SyncBurst** or **Late Write** SRAM family. Its internal architecture is designed to minimize the "turn-around" time between read and write cycles.
#### Key Internal Features:
* **Synchronous Operation:** All operations are synchronized to a rising clock edge (CLK).
* **Burst Capability:** It supports burst sequences (Linear or Interleaved), allowing for high-speed data transfers without re-addressing every word.
* **Byte Write Control:** Allows the system to write to specific bytes within a word rather than the entire 36-bit or 18-bit width.
---
### 3. Pinout and Connectivity (Typical)
While the exact pin mapping depends on the specific package (TQFP vs FBGA), the electronic interfacing follows these standard logic groups:
* **Address Inputs (A):** Selects the memory location.
* **Data Inputs/Outputs (DQ):** The bidirectional bus for data transfer.
* **Control Pins:**
* `CE` (Chip Enable): Activates the device.
* `WE` (Write Enable): Determines if the cycle is a Read or Write.
* `OE` (Output Enable): Controls the output drivers during read cycles.
* `ADV` (Address Advance): Used to increment the internal burst counter.
---
### 4. Typical Applications
Because of its high speed and zero-bus-turnaround capabilities, this part is found in:
1. **L2/L3 Cache:** Secondary cache for high-performance processors.
2. **Network Switches:** Buffering data packets at wire speed.
3. **Digital Signal Processing (DSP):** Storing intermediate calculation values in real-time.
---
- ⤷
What are the specific timing requirements for the M8S44TAJ-R clock cycle?
- ⤷ Is there a direct pin-compatible alternative from Cypress or ISSI?
- ⤷ How does the 'Late Write' architecture differ from standard SRAM?