công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • M8S43FAJ-R

  • AI
    The **M8S43FAJ-R** is an electronic component manufactured by **ALPS Alpine**. It belongs to the category of **Magnetic Sensors**, specifically a Giant Magnetoresistive (GMR) sensor used for angle and position sensing. --- ### 1. Key Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | GMR (Giant Magnetoresistive) Sensor | | **Sensing Application** | Angle Sensing / Rotation Detection | | **Output Type** | Analog (Sine/Cosine) | | **Operating Voltage** | Typically 3.0V to 5.5V | | **Supply Current** | Low power consumption (approx. 1-2 mA) | | **Package Type** | Surface Mount Device (SMD) | | **Angular Accuracy** | High precision (usually within ±0.1° to ±1.0° range) | --- ### 2. Functional Description The M8S43FAJ-R operates based on the **GMR effect**, where the electrical resistance of a multi-layered material changes significantly depending on the direction of an external magnetic field. * **Internal Structure:** The sensor typically contains two Wheatstone bridges shifted by 45 or 90 degrees. * **Signal Output:** As a permanent magnet rotates above the chip, the sensor outputs differential sine and cosine signals. These signals are then processed by a microcontroller (using an Arctan function) to determine the absolute angle. * **Stability:** Unlike Hall-effect sensors, GMR sensors like the M8S43FAJ-R are highly sensitive to the direction of the magnetic field rather than the strength, making them more resilient to air-gap fluctuations. --- ### 3. Common Applications Due to its small footprint and high precision, this part is used in: 1. **Automotive Systems:** Steering wheel angle sensors, throttle position sensors, and pedal sensors. 2. **Industrial Automation:** Rotary encoders for brushless DC (BLDC) motor control. 3. **Consumer Electronics:** High-precision dials or knobs in premium appliances. 4. **Robotics:** Joint position feedback for robotic arms. --- ### 4. Circuit Implementation To utilize the M8S43FAJ-R, the following hardware considerations are necessary: * **Magnet Placement:** A diametrically magnetized cylindrical magnet must be placed directly above the sensor package. * **Signal Conditioning:** Since the output is analog, an **Analog-to-Digital Converter (ADC)** and an **Operational Amplifier (Op-Amp)** are often required to buffer and scale the signals for a microcontroller. ---
    ✨ Follow-up Questions
    • ⤷What are the pinout configurations for the M8S43FAJ-R?
    • ⤷ How does GMR technology compare to Hall-effect sensors in terms of accuracy?
    • ⤷ What is the recommended operating temperature range for this ALPS sensor?